Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9161D Datasheet(PDF) 5 Page - Keysight Technologies

Part # M9161D
Description  PXI Dual SP4T Solid State Switch Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9161D Datasheet(HTML) 5 Page - Keysight Technologies

  M9161D Datasheet HTML 1Page - Keysight Technologies M9161D Datasheet HTML 2Page - Keysight Technologies M9161D Datasheet HTML 3Page - Keysight Technologies M9161D Datasheet HTML 4Page - Keysight Technologies M9161D Datasheet HTML 5Page - Keysight Technologies M9161D Datasheet HTML 6Page - Keysight Technologies M9161D Datasheet HTML 7Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
05 | Keysight | M9161D PXI Dual SP4T Solid State Switch Module - Data Sheet
Related products
Model
Description
M9374A
PXIe Vector Network Analyzer, 300 kHz to 20 GHz
M9485A
PXIe Multiport Vector Network Analyzer, 1 MHz to 9 GHz
M9155C
PXI hybrid coaxial switch, DC to 26.5 GHz, dual SPDT,
unterminated
M9156C
PXI hybrid coaxial switch, DC to 26.5 GHz, dual transfer
M9157C
PXI hybrid coaxial switch, DC to 26.5 GHz, single
SP6T, terminated
Environmental specifications
Temperature
Operating
Non-operating
0 °C to 55 °C
-40 °C to 70 °C
Relative humidity
Operating
Non-operating
95 % RH at 40 °C
95 % RH at 65 °C
Vibration
Operating random vibration
Survival random vibration
Survival swept sine vibration
5 - 500 Hz, 0.21 g RMS
5 - 500 Hz, 2.09 g RMS
5 - 500 Hz - 5 Hz, 0.5 g
Shock
End use handling shock
Transportation shock
Delta V 1.6 m/s, duration < 3ms
0 < m <= 4.54 kg : 30 G, delta V 8 m/s
ESD immunity
Air discharge
Contact discharge
8 kV per EN61000-4-2
4 kV per EN61000-4-2
Safety
This product has input power below the requirements as specified in the Low
Voltage Directive (2006/95/EC)
EMC
EMC standard
Emissions
Immunity
IEC61326-1:2012/EN61326-1:2013
CISPR11:2009/ EN55011:2009
IEC 61000-4-2:2008 / EN 61000-4-2:2009
IEC 61000-4-3:2006+A1:2007+A2:2010 /
EN 61000-4-3:2006+A1:2008+A2:2010
IEC 61000-4-4:2004+A1:2010 / EN 61000-4-4:2004+A1:2010
IEC 61000-4-5:2005 / EN 61000-4-5:2006
IEC 61000-4-6:2008 / EN 61000-4-6:2009
IEC 61000-4-8:2009 / EN 61000-4-8:2010
IEC 61000-4-11:2004 / EN 61000-4-11:2004
CE compliance
EMC Directive (2004/108/EC)
Recommended configuration
Model
Description
M9018A
PXIe chassis, 18-slots, 3U, 8 Gb/s
M9161D
Dual SP4T Solid State Switch Module, 50 MHz to 20 GHz
M9021A
PXIe system interface


Similar Part No. - M9161D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9161D KEYSIGHT-M9161D Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
M9161D KEYSIGHT-M9161D_18 Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
More results

Similar Description - M9161D

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9161D KEYSIGHT-M9161D_18 Datasheet
1Mb / 7P
   M9161D PXI Dual SP4T Solid State Switch Module
logo
Mini-Circuits
USB-1SP4T-34 MINI-USB-1SP4T-34 Datasheet
903Kb / 10P
   Solid State SP4T Switch
Rev. B
logo
Keysight Technologies
M9170A KEYSIGHT-M9170A Datasheet
1Mb / 8P
   M9170A PXI Attenuator/Switch Driver Module
logo
Shenzhen Huazhimei Semi...
HM254 HMSEMI-HM254 Datasheet
1Mb / 10P
   Solid state switch
logo
List of Unclassifed Man...
SS466A ETC-SS466A Datasheet
85Kb / 1P
   SOLID STATE SWITCH
VX80 ETC2-VX80 Datasheet
348Kb / 8P
   SWITCH - SOLID STATE
SS443A ETC-SS443A Datasheet
88Kb / 1P
   SOLID STATE SWITCH
logo
FOTEK CONTROLS CO., LTD...
SSR-F-10DA FOTEK-SSR-F-10DA Datasheet
3Mb / 8P
   Solid State Module
SSR-K10DA FOTEK-SSR-K10DA Datasheet
7Mb / 10P
   Solid State Module
SSR-40DA-H-R FOTEK-SSR-40DA-H-R Datasheet
2Mb / 5P
   Solid State Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com