Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C1024A Datasheet(PDF) 2 Page - Alliance Semiconductor Corporation

Part # AS7C1024A
Description  5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C1024A Datasheet(HTML) 2 Page - Alliance Semiconductor Corporation

  AS7C1024A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C1024A Datasheet HTML 9Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AS7C1024A
AS7C31024A
9/26/02; 0.9.9
Alliance Semiconductor
P. 2 of 9
®
Functional description
The AS7C1024A and AS7C31024A are high performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices organized as
131,072 words x 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.
Equal address access and cycle times (tAA, tRC, tWC) of 10/12/15/20 ns with output enable access times (tOE) of 5, 6, 7, 8 ns are ideal for high
performance applications. Active high and low chip enables (CE1, CE2) permit easy memory expansion with multiple-bank systems.
When CE1 is high or CE2 is low the devices enter standby mode. If inputs are still toggling, the device will consume ISB power. If the bus is
static, then full standby power is reached (ISB1). For example, the AS7C31024A is guaranteed not to exceed 36mW under nominal full standby
conditions. All devices in this family will retain data when VCC is reduced as low as 2.0V.
A write cycle is accomplished by asserting write enable (WE) and both chip enables (CE1, CE2). Data on the input pins I/O0-I/O7 is written
on the rising edge of WE (write cycle 1) or the active-to-inactive edge of CE1 or CE2 (write cycle 2). To avoid bus contention, external devices
should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE).
A read cycle is accomplished by asserting output enable (OE) and both chip enables (CE1, CE2), with write enable (WE) high. The chips drive
I/O pins with the data word referenced by the input address. When either chip enable is inactive, output enable is inactive, or write enable is
active, output drivers stay in high-impedance mode.
Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional oper-
ation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
Key: X = Don’t Care, L = Low, H = High
Absolute maximum ratings
Parameter
Symbol
Min
Max
Unit
Voltage on VCC relative to GND
AS7C1024A
Vt1
–0.50
+7.0
V
AS7C31024A
Vt1
-0.50
+5.0
V
Voltage on any pin relative to GND
Both
Vt2
–0.50
VCC +0.50
V
Power dissipation
Both
PD
–1.0
W
Storage temperature (plastic)
Both
Tstg
–65
+150
°C
Ambient temperature with VCC applied
Both
Tbias
–55
+125
°C
DC current into outputs (low)
Both
IOUT
–20
mA
Truth table
CE1
CE2
WE
OE
Data
Mode
HX
X
X
High Z
Standby (ISB, ISB1)
XLX
X
High Z
Standby (ISB, ISB1)
L
H
H
H
High Z
Output disable (ICC)
LH
HL
DOUT
Read (ICC)
LHL
X
DIN
Write (ICC)


Similar Part No. - AS7C1024A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1024B ALSC-AS7C1024B Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10JC ALSC-AS7C1024B-10JC Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10JCN ALSC-AS7C1024B-10JCN Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10STC ALSC-AS7C1024B-10STC Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
AS7C1024B-10STCN ALSC-AS7C1024B-10STCN Datasheet
111Kb / 9P
   5V 128K X 8 CMOS SRAM
More results

Similar Description - AS7C1024A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
   5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
   128Kx8 3.3V MONOLITHIC SRAM
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
   5V/3.3V 32Kx6 CMOS SRAM
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
   5V/3.3V 64Kx6 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
   5V / 3.3V 64KX16 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
   5V/3.3V 512K X8 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
   5V/3.3V 32K x 6 CMOS SRAM
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
   5V/3.3V 64K X 16 CMOS SRAM
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
   5V/3.3V 256K x 16 CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com