Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD4-0307R10A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RD4-0307R10A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD4-0307R10A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RD4-0307R10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RD4-0307R10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RD4-0307R10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RD4-0307R10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
EMI Filter
Input filter components (C1, L ) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
L
Load
C1
C1
L
RS4-05XXR10AX
220uF/100V
12uH
RS4-12XX R10AX
220uF/100V
12uH
RS4-24XX R10AX
220uF/100V
12uH
05 Models
12 Models
24 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
EFFICIENCYVS OUTPUTCURRENT
40
0%
20%
40%
60%
80%
100%
120%
Load
70
Lo Line
65
60
Nominal
55
Hi Line
50
45
EFFICIENCY VS OUTPUT CURRENT
40
0%
20%
40%
60%
80%
100%
120%
Load
70
65
Lo Line
60
55
Nominal
50
Hi Line
45
EFFICIENCY VS OUTPUT CURRENT
70
65
60
Lo Line
55
Nominal
50
Hi Line
45
40
0%
20%
40%
60%
Load
80%
100%
120%
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
EMI Filter
Input filter components (C1, L ) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
L
Load
C1
C1
L
RS4-05XXR10AX
220uF/100V
12uH
RS4-12XX R10AX
220uF/100V
12uH
RS4-24XX R10AX
220uF/100V
12uH
05 Models
12 Models
24 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
EFFICIENCYVS OUTPUTCURRENT
40
0%
20%
40%
60%
80%
100%
120%
Load
70
Lo Line
65
60
Nominal
55
Hi Line
50
45
EFFICIENCY VS OUTPUT CURRENT
40
0%
20%
40%
60%
80%
100%
120%
Load
70
65
Lo Line
60
55
Nominal
50
Hi Line
45
EFFICIENCY VS OUTPUT CURRENT
70
65
60
Lo Line
55
Nominal
50
Hi Line
45
40
0%
20%
40%
60%
Load
80%
100%
120%
+Vout
+Vin
DC/DC
Converter
-Vin
-Vout
EMI Filter
Input filter components (C1, L ) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
L
Load
C1
C1
L
RS4-05XXR10AX
220uF/100V
12uH
RS4-12XX R10AX
220uF/100V
12uH
RS4-24XX R10AX
220uF/100V
12uH
05 Models
12 Models
24 Models
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
EFFICIENCYVS OUTPUTCURRENT
40
0%
20%
40%
60%
80%
100%
120%
Load
70
Lo Line
65
60
Nominal
55
Hi Line
50
45
EFFICIENCY VS OUTPUT CURRENT
40
0%
20%
40%
60%
80%
100%
120%
Load
70
65
Lo Line
60
55
Nominal
50
Hi Line
45
EFFICIENCY VS OUTPUT CURRENT
70
65
60
Lo Line
55
Nominal
50
Hi Line
45
40
0%
20%
40%
60%
Load
80%
100%
120%
DC/DC-Converter
1.0W regulated
Single Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RD4-0307R10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD4-0503R10A1M RSG-RD4-0503R10A1M Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0503R10A3M RSG-RD4-0503R10A3M Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0505R10A1M RSG-RD4-0505R10A1M Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0505R10A3M RSG-RD4-0505R10A3M Datasheet
1Mb / 4P
   DC/DC-Converter
RD4-0507R10A1M RSG-RD4-0507R10A1M Datasheet
1Mb / 4P
   DC/DC-Converter
More results

Similar Description - RD4-0307R10A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com