Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9153A Datasheet(PDF) 4 Page - Keysight Technologies

Part # M9153A
Description  PXI RF Switch Modules DC to 3 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9153A Datasheet(HTML) 4 Page - Keysight Technologies

  M9153A Datasheet HTML 1Page - Keysight Technologies M9153A Datasheet HTML 2Page - Keysight Technologies M9153A Datasheet HTML 3Page - Keysight Technologies M9153A Datasheet HTML 4Page - Keysight Technologies M9153A Datasheet HTML 5Page - Keysight Technologies M9153A Datasheet HTML 6Page - Keysight Technologies M9153A Datasheet HTML 7Page - Keysight Technologies M9153A Datasheet HTML 8Page - Keysight Technologies M9153A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
04 Keysight PXI RF Switch Modules DC to 3 GHz
spEciFicatiOns and cHaractEristics
RF switch specification and characteristic summary
RF switches Description
Type
# slots
Frequency
range
Insertion
loss
(typical)
Isolation
(typical)
VSWR
(typical)
Impedance
 (nominal)
Connectors
M9128A
8 x 12 RF
matrix
switch
PXI x1
300 Mhz
2 dB @
300 MHz
40 dB @
300 MHz
2:1 @
300 MHz
50 Ω
SMB male
connectors
M9146A
Dual
1 x 4 RF
multiplexer
PXI x1
3 GHz
0.8 dB @ 3
GHz
45 dB @
3 GHz
< 1.3:1 to
3 GHz
50 Ω,
off chan
termination
SMB male
connectors
M9147A
Quad
1 x 4 RF
multiplexer
PXI x1
3 GHz
1 dB @
3 GHz
40 dB @
3 GHz
< 1.4:1 to
3 GHz
50 Ω
terminated
common
SMB male
connectors
M9148A
1 x 8 RF
multiplexer
PXI x1
3 GHz
0.8 dB @
3 GHz
40 dB @
3 GHz
< 1.25:1 to
3 GHz
50 Ω
SMB male
connectors
M9149A
1 x 16 high-
density RF
multiplexer
PXI x1
3 GHz
1.2 dB @
3 GHz
40 dB @
3 GHz
< 1.5:1 to
3 GHz
50 Ω
SMB male
connectors
M9150A
Dual
1 x 4 RF
multiplexer
PXI x1
3 GHz
1 dB @
3 GHz
45 dB @
3 GHz
< 1.55:1 to
3 GHz
75 Ω
SMB male
connectors
M9151A
Quad
1 x 4 RF
multiplexer
PXI x1
3 GHz
1.1 dB @
3 GHz
40 dB @
3 GHz
< 1.6:1 to
3 GHz
75 Ω
SMB male
connectors
M9152A
1 x 8 RF
multiplexer
PXI x1
3 GHz
1 dB @
3 GHz
45 dB @
3 GHz
< 1.5:1 to
3 GHz
75 Ω
SMB male
connectors
M9153A
1 x 16 RF
multiplexer
PXI x1
3 GHz
1.2 dB @
3 GHz
40 dB @
3 GHz
< 1.55:1 to
3 GHz
75 Ω
SMB male
connectors
Specification and characteristic summary
Following is a summary of specifications and characteristics for the Keysight DC to 3GHz PXI switches. More detailed specifica-
tions and characteristics for each module are featured later in this document.


Similar Part No. - M9153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9153A KEYSIGHT-M9153A Datasheet
7Mb / 27P
   PXI RF Switch Modules
More results

Similar Description - M9153A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9149A KEYSIGHT-M9149A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9147A KEYSIGHT-M9147A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9146A KEYSIGHT-M9146A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9151A KEYSIGHT-M9151A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9150A KEYSIGHT-M9150A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9152A KEYSIGHT-M9152A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
M9156CH40 KEYSIGHT-M9156CH40 Datasheet
667Kb / 2P
   DC to 26.5/40 GHz PXI Hybrid Switch Modules
M9128A KEYSIGHT-M9128A Datasheet
8Mb / 27P
   Technologies PXI RF Switch Modules
M9156C KEYSIGHT-M9156C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com