Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9149A Datasheet(PDF) 6 Page - Keysight Technologies

Part # M9149A
Description  PXI RF Switch Modules DC to 3 GHz
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9149A Datasheet(HTML) 6 Page - Keysight Technologies

Back Button M9149A Datasheet HTML 2Page - Keysight Technologies M9149A Datasheet HTML 3Page - Keysight Technologies M9149A Datasheet HTML 4Page - Keysight Technologies M9149A Datasheet HTML 5Page - Keysight Technologies M9149A Datasheet HTML 6Page - Keysight Technologies M9149A Datasheet HTML 7Page - Keysight Technologies M9149A Datasheet HTML 8Page - Keysight Technologies M9149A Datasheet HTML 9Page - Keysight Technologies M9149A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
06 Keysight PXI RF Switch Modules DC to 3 GHz
-120
-100
-80
-60
-40
-20
0
3.0E+06
1.0E+08
2.0E+08
3.0E+08
Frequency (Hz)
M9128A -Typical Crosstalk - Adjacent Rows
R1-R2
R2-R3
R3-R4
R4-R3
R5-R6
R6-R7
R7-R8
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
3.0E+06
1.0E+08
2.0E+08
3.0E+08
Frequency (Hz)
M9128A - Typical Insertion Loss across matrix
Best - Corners
Average
Worst - Center
1
1.5
2
2.5
3
3.0E+06
1.0E+08
2.0E+08
3.0E+08
Frequency (Hz)
M9128A - Typical VSWR across matrix
Best - Corners
Average
Worst - Center
M9128A typical characteristics
spEciFicatiOns and cHaractEristics


Similar Part No. - M9149A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9149A KEYSIGHT-M9149A Datasheet
7Mb / 27P
   PXI RF Switch Modules
More results

Similar Description - M9149A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9147A KEYSIGHT-M9147A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9153A KEYSIGHT-M9153A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9146A KEYSIGHT-M9146A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9151A KEYSIGHT-M9151A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9150A KEYSIGHT-M9150A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9152A KEYSIGHT-M9152A Datasheet
8Mb / 27P
   PXI RF Switch Modules DC to 3 GHz
M9128A KEYSIGHT-M9128A_18 Datasheet
7Mb / 27P
   PXI RF Switch Modules
M9156CH40 KEYSIGHT-M9156CH40 Datasheet
667Kb / 2P
   DC to 26.5/40 GHz PXI Hybrid Switch Modules
M9128A KEYSIGHT-M9128A Datasheet
8Mb / 27P
   Technologies PXI RF Switch Modules
M9156C KEYSIGHT-M9156C Datasheet
2Mb / 10P
   PXI Hybrid Switch Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com