Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD1-0524S10A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RD1-0524S10A1
Description  DC/DC-Converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RD1-0524S10A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RD1-0524S10A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RD1-0524S10A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RD1-0524S10A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RD1-0524S10A1 Datasheet HTML 4Page - RSG Electronic Components GmbH RD1-0524S10A1 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page2(5)
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
DC/DC-Converter
1.0W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUTCurrent
OUTPUT
OUTPUTCurrent
Voltage Range
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RS1-0303S10AX
3.3
25
421
3.3
303
72
220
RS1-0305S10AX
3.3
25
394
5
200
77
220
RS1-0307S10AX
3.3
25
384
7.2
139
79
220
RS1-0309S10AX
3.3
30
404
9
111
75
220
RS1-0312S10AX
3.3
45
473
12
100
77
220
RS1-0315S10AX
3.3
35
384
15
67
79
220
RS1-0318S10AX
3.3
35
399
18
56
76
220
RS1-0324S10AX
3.3
53
461
24
50
79
220
RS1-0503S10AX
5
20
257
3.3
303
78
220
RS1-0505S10AX
5
25
247
5
200
81
220
RS1-0507S10AX
5
16
241
7.2
139
83
220
RS1-0509S10AX
5
26
250
9
111
80
220
RS1-0512S10AX
5
25
300
12
100
80
220
RS1-0515S10AX
5
35
244
15
67
82
220
RS1-0518S10AX
5
25
247
18
56
81
220
RS1-0524S10AX
5
35
289
24
50
83
220
RS1-1203S10AX
12
15
107
3.3
303
78
220
RS1-1205S10AX
12
16
105
5
200
79
220
RS1-1207S10AX
12
16
100
7.2
139
83
220
RS1-1209S10AX
12
15
107
9
111
78
220
RS1-1212S10AX
12
15
125
12
100
80
220
RS1-1215S10AX
12
15
105
15
67
79
220
RS1-1218S10AX
12
20
104
18
56
80
220
RS1-1224S10AX
12
25
123
24
50
81
220
RS1-1503S10AX
15
15
89
3.3
303
75
220
RS1-1505S10AX
15
9
82
5
200
81
220
RS1-1507S10AX
15
12
88
7.2
139
76
220
RS1-1509S10AX
15
10
90
9
111
74
220
RS1-1512S10AX
15
13
100
12
100
80
220
RS1-1515S10AX
15
15
84
15
67
79
220
RS1-1518S10AX
15
12
85
18
56
78
220
RS1-1524S10AX
15
10
99
24
50
81
220
RS1-2403S10AX
24
8
54
3.3
303
77
220
RS1-2405S10AX
24
8
52
5
200
80
220
RS1-2407S10AX
24
10
54
7.2
139
77
220
RS1-2409S10AX
24
7
54
9
111
77
220
RS1-2412S10AX
24
8
62
12
100
80
220
RS1-2415S10AX
24
8
51
15
67
81
220
RS1-2418S10AX
24
8
52
18
56
80
220
RS1-2424S10AX
24
9
60
24
50
83
220
RS1-4803S10AX
48
6
29
3.3
303
73
220
RS1-485S10AX
48
6
28
5
200
74
220
RS1-4807S10AX
48
7
27
7.2
139
77
220
RS1-4809S10AX
48
5
27
9
111
78
220
RS1-4812S10AX
48
5
32
12
100
77
220
RS1-4815S10AX
48
5
27
15
67
76
220
RS1-4818S10AX
48
8
28
18
56
75
220
RS1-4824S10AX
48
8
31
24
50
80
220
Suffix “3” means 3 KVdc isolation


Similar Part No. - RD1-0524S10A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RD1-0524S02AX RSG-RD1-0524S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0524S05A1 RSG-RD1-0524S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0524S05A3 RSG-RD1-0524S05A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RD1-0524S05AX RSG-RD1-0524S05AX Datasheet
1Mb / 5P
   DC/DC-Converter
More results

Similar Description - RD1-0524S10A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com