Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV853 Datasheet(PDF) 1 Page - Supertex, Inc

Part # HV853
Description  High Voltage, Low Noise,Inductorless EL Lamp Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV853 Datasheet(HTML) 1 Page - Supertex, Inc

  HV853_08 Datasheet HTML 1Page - Supertex, Inc HV853_08 Datasheet HTML 2Page - Supertex, Inc HV853_08 Datasheet HTML 3Page - Supertex, Inc HV853_08 Datasheet HTML 4Page - Supertex, Inc HV853_08 Datasheet HTML 5Page - Supertex, Inc HV853_08 Datasheet HTML 6Page - Supertex, Inc HV853_08 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
HV853
Features
No external components required when using an
external EL clock frequency
Audible noise reduction with improved EMI
EL frequency can be set by an external resistor
DC to AC converter
Drives up to 5.3nF (approx. 1.5in2 lamp) load
Output voltage regulation
Enable function
EL Lamp dimming
Available in 10-Lead DFN and 8-Lead MSOP
packages
Applications
Cellular phone keypad
Watches
Small handheld wireless devices
MP3 Players
General Description
The Supertex HV853 is a high voltage, low noise EL
(electroluminescent) lamp driver. It is the low noise version of
the HV852 with improved EMI performance, operating over an
input voltage range of 3.2V to 5.0V. It is designed to drive EL
lamps of up to 1.5in2, with capacitive values up to 5.3nF. The
HV853 converts a low voltage DC input to a high voltage AC
output across an EL lamp. A nominal regulated output voltage
of ±80V is applied to the EL lamp. It uses a charge pump
scheme to boost the input voltage eliminating the need for an
external inductor, diode, and high voltage capacitor commonly
found in conventional topologies.
The charge pump circuit discharges its energy into an EL lamp
through a high voltage H-bridge. Once the voltage reaches
its regulated limit, it is turned off to conserve power. The EL
lamp is then discharged to ground and the H-bridge changes
state to allow the charge pump to charge the EL lamp in the
opposite direction.
The EL lamp frequency can be set either by an external
resistor R
EL or by applying an external clock where the clock
frequency is divided by 128 to set the EL lamp frequency.
Typical Application Circuits
High Voltage, Low Noise,
Inductorless EL Lamp Driver
EL Lamp Frequency set by R
EL
+
-
VDD = ON
GND = OFF
VDD
CDD
VDD
GND
EL
LAMP
VDD
+
-
GND
CLKEN
VA
VB
CLKIN
EN
REL
VDD
GND
CLKEN
VA
VB
CLKIN
EN
REL
VDD
EL
LAMP
VDD
CDD
REL
VDD = ON
GND = OFF
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
HV853MG
HV853MG
EL Lamp Frequency set by External Clock


Similar Part No. - HV853_08

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV853K7-G SUTEX-HV853K7-G Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV853MG-G SUTEX-HV853MG-G Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results

Similar Description - HV853_08

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852 Datasheet
465Kb / 6P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_07 Datasheet
701Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV852 SUTEX-HV852_09 Datasheet
659Kb / 7P
   High Voltage,Low Noise,Inductorless EL Lamp Driver
HV853 SUTEX-HV853 Datasheet
688Kb / 7P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
HV850 SUTEX-HV850 Datasheet
248Kb / 6P
   High Voltage Low Noise Inductorless EL Lamp Driver
HV852DB1 SUTEX-HV852DB1 Datasheet
330Kb / 2P
   High Voltage, Low Noise, Inductorless EL Lamp Driver Demoboard
HV857L SUTEX-HV857L_13 Datasheet
883Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com