Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR2-4805D02A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR2-4805D02A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR2-4805D02A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR2-4805D02A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR2-4805D02A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR2-4805D02A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR2-4805D02A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR2 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR2-0505S02AX
4.5-9
40
588
5
100
400
68
2200
RR2-0509S02AX
4.5-9
40
571
9
55.5
222
70
470
RR2-0512S02AX
4.5-9
40
571
12
42.8
167
70
470
RR2-0515S02AX
4.5-9
40
571
15
33.3
133
70
470
RR2-0524S02AX
4.5-9
40
579
24
20.8
83
69
220
RR2-0505D02AX
4.5-9
40
588
±
5
±
50
±
200
68
±
1000
RR2-0509D02AX
4.5-9
40
571
±
9
±
27.8
±
111
70
±
220
RR2-0512D02AX
4.5-9
40
571
±
12
±
20.8
±
83
70
±
220
RR2-0515D02AX
4.5-9
40
571
±
15
±
16.8
±
67
70
±
220
RR2-0524D02AX
4.5-9
40
579
±
24
±
10.5
±
42
69
±
100
RR2-1205S02AX
9-18
20
222
5
100
400
75
2200
RR2-1209S02AX
9-18
20
213
9
55.5
222
78
470
RR2-1212S02AX
9-18
20
213
12
42.8
167
78
470
RR2-1215S02AX
9-18
20
213
15
33.3
133
78
470
RR2-1224S02AX
9-18
20
210
24
20.8
83
79
220
RR2-1205D02AX
9-18
20
225
±
5
±
50
±
200
74
±
1000
RR2-1209D02AX
9-18
20
225
±
9
±
27.8
±
111
74
±
220
RR2-1212D02AX
9-18
20
219
±
12
±
20.8
±
83
76
±
220
RR2-1215D02AX
9-18
20
216
±
15
±
16.8
±
67
77
±
220
RR2-1224D02AX
9-18
20
219
±
24
±
10.5
±
42
76
±
100
RR2-2405S02AX
18-36
12
106
5
100
400
78
2200
RR2-2409S02AX
18-36
12
104
9
55.5
222
80
470
RR2-2412S02AX
18-36
12
105
12
42.8
167
79
470
RR2-2415S02AX
18-36
12
106
15
33.3
133
78
470
RR2-2424S02AX
18-36
12
104
24
20.8
83
80
220
RR2-2405D02AX
18-36
12
111
±
5
±
50
±
200
75
±
1000
RR2-2409D02AX
18-36
12
111
±
9
±
27.8
±
111
75
±
220
RR2-2412D02AX
18-36
12
105
±
12
±
20.8
±
83
79
±
220
RR2-2415D02AX
18-36
12
105
±
15
±
16.8
±
67
79
±
220
RR2-2424D02AX
18-36
12
106
±
24
±
10.5
±
42
78
±
100
RR2-4805S02AX
36-72
8
55.5
5
100
400
75
2200
RR2-4809S02AX
36-72
8
53
9
55.5
222
78
470
RR2-4812S02AX
36-72
8
52
12
42.8
167
79
470
RR2-4815S02AX
36-72
8
52
15
33.3
133
80
470
RR2-4824S02AX
36-72
8
52
24
20.8
83
80
220
RR2-4805D02AX
36-72
8
56
±
5
±
50
±
200
74
±
1000
RR2-4809D02AX
36-72
8
55.5
±
9
±
27.8
±
111
75
±
220
RR2-4812D02AX
36-72
8
53
±
12
±
20.8
±
83
78
±
220
RR2-4815D02AX
36-72
8
53
±
15
±
16.8
±
67
78
±
220
RR2-4824D02AX
36-72
8
53
±
24
±
10.5
±
42
79
±
100
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
DC/DC-Converter
2.0W Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR2-4805D02A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-4805D03AX RSG-RR2-4805D03AX Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR2-4805D04AX RSG-RR2-4805D04AX Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
RR2-4805D05A1 RSG-RR2-4805D05A1 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-4805D05A3 RSG-RR2-4805D05A3 Datasheet
1Mb / 4P
   DC/DC-Converter
RR2-4805D05AXD RSG-RR2-4805D05AXD Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
More results

Similar Description - RR2-4805D02A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com