Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR8-2412D12A1 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # RR8-2412D12A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR8-2412D12A1 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  RR8-2412D12A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR8-2412D12A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR8-2412D12A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR8-2412D12A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DC/DC-Converter
6.0W Regulated Single &
Dual Output
DC/DC-Converter
12.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RSG Electronic Components GmbH • Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 • Rsg-electronic.de
page4(4)
4
VU - 12W 2:1 Regulated Single & Dual output
31.8
(1.25)
2.0
(0.08)
22.86
(0.90)
1 2 3
9
11
DC-DC CONVERTER
RR8-2405D12
In: 18~36Vdc
Out:
±5Vdc
±1200mA
RSG
0.50
(0.02)
20.3
(0.80)
DIA
1.0
(0.04)
Bottom View
15.24
(0.60)
4.42
(0.17)
XXXX
5.01
(0.19)
23 22
16
14
0.50
(0.02)
Printed
Face
2.54
(0.10)
5.08
(0.20)
0.5
(0.02)
10.2
(0.4)
3.00
(0.12)
Nickel-Coated Copper
All dimensions are typical in millimeters ( inches ).
1. Pin diameter: 0.5 ±0.05 ( 0.02 ±0.002 )
2. Pin pitch and length tolerance: ±0.35 ( ±0.014 )
3. Case Tolerance: ±0.5 ( ±0.02 )
4. Stand-off tolerance: ±0.1 ( ±0.004 )
24 Pin DIL Package
PIN CONNECTIONS
PIN NUMBER
SINGLE
DUAL
1
Remote On/Off
Remote On/Off
2
-V Input
-V Input
3
-V Input
-V Input
9
N.P.
Common
11
N.C.
-V Output
14
+V Output
+V Output
16
-V Output
Common
22
+V Input
+V Input
23
+V Input
+V Input
MOTIEN
ISO 9001 . ISO 14001 . IECQ QC080000
No. 9, Keji 2nd Rd., Tainan Technology Industrial Park, Tainan City 70955, Taiwan
Te l : 886-6-384 2366 (Rep.)
Fax: 886-6-384 2399
DRAWIN
APPROVED:
Website :
www.motien.com.tw
Email :
sales@motien.com.tw
Last Update : Aug.26.2014
G:
MECHANICAL SPECIFICATIONS
The models listed here are just standard type. If you need a product with special specification or you have questions regarding packing standards
(Tube oder Tape/Reel) as well as application support, please contact our specialists: sales@rsg-electronic.de or +49 69-984047-41/-28


Similar Part No. - RR8-2412D12A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR8-2412D15A1 RSG-RR8-2412D15A1 Datasheet
604Kb / 3P
   DC/DC-Converter
More results

Similar Description - RR8-2412D12A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com