Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV857LMG-G Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV857LMG-G
Description  Low Noise, High Voltage EL Lamp Driver IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV857LMG-G Datasheet(HTML) 3 Page - Supertex, Inc

  HV857LMG-G Datasheet HTML 1Page - Supertex, Inc HV857LMG-G Datasheet HTML 2Page - Supertex, Inc HV857LMG-G Datasheet HTML 3Page - Supertex, Inc HV857LMG-G Datasheet HTML 4Page - Supertex, Inc HV857LMG-G Datasheet HTML 5Page - Supertex, Inc HV857LMG-G Datasheet HTML 6Page - Supertex, Inc HV857LMG-G Datasheet HTML 7Page - Supertex, Inc HV857LMG-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Supertex inc.
www.supertex.com
Doc.# DSFP-HV857L
A062013
HV857L
* The inductor used is a 220µH Murata inductor, max DC resistance of 8.4Ω, part # LQH32CN221K21.
Sym
Parameter
Min
Typ
Max Units Conditions
R
DS(ON)
On-resistance of switching transistor
-
-
6.0
Ω
I = 100mA
V
CS
Max. output regulation voltage
85
95
105
V
V
DD = 1.8 to 5.0V
V
A – VB
Peak to peak output voltage
170
190
210
V
V
DD = 1.8 to 5.0V
I
DDQ
Quiescent V
DD supply current
-
-
150
nA
R
SW-Osc = Low
I
DD
Input current going into the VDD pin
-
-
150
µA
V
DD = 1.8 to 5.0V. See Fig. 1
I
IN
Input current including inductor current
-
25
40
mA
See Fig. 1*
V
CS
Output voltage on VCS
-
92
-
V
See Fig. 1
f
EL
EL lamp frequency
175
205
235
Hz
See Fig. 1
f
SW
Switching transistor frequency
65
77
89
kHz
See Fig. 1
D
Switching transistor duty cycle
-
88
-
%
See Fig. 1
Sym
Parameter
Min
Typ
Max
Units Conditions
EN-L
Logic input low voltage
0
-
0.2
V
V
DD = 1.8 to 5.0V
EN-H
Logic input high voltage
V
DD - 0.2
-
V
DD
V
V
DD = 1.8 to 5.0V
Enable/Disable Function Table
Electrical Characteristics
DC Characteristics (Over recommended operating conditions unless otherwise specified, T
A = 25°C)
Block Diagram
C
+
_
VREF
Disable
High
Voltage
Level
Translator
GND
VDD
Q
Q
Q
VA
CS
LX
VB
Q
RSW-Osc
REL-Osc
VSENSE
EL
Osc
V
DD
Switch
Osc


Similar Part No. - HV857LMG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857LMG-G SUTEX-HV857LMG-G Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
More results

Similar Description - HV857LMG-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV857 SUTEX-HV857_07 Datasheet
552Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV857L SUTEX-HV857L Datasheet
704Kb / 8P
   Low Noise, High Voltage EL Lamp Driver IC
HV857 SUTEX-HV857_13 Datasheet
931Kb / 9P
   Low Noise, High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_13 Datasheet
805Kb / 6P
   High Voltage EL Lamp Driver IC
HV823LG-G SUTEX-HV823LG-G Datasheet
621Kb / 8P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_13 Datasheet
673Kb / 5P
   High Voltage EL Lamp Driver IC
HV830 SUTEX-HV830_07 Datasheet
579Kb / 6P
   High Voltage EL Lamp Driver IC
HV825 SUTEX-HV825_07 Datasheet
502Kb / 5P
   High Voltage EL Lamp Driver IC
HV823 SUTEX-HV823_13 Datasheet
1Mb / 8P
   High Voltage EL Lamp Driver IC
HV850MG-G SUTEX-HV850MG-G Datasheet
665Kb / 8P
   High Voltage, Low Noise, Inductorless EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com