Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR7-2405S02A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR7-2405S02A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-2405S02A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR7-2405S02A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-2405S02A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-2405S02A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR7-2405S02A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
DC/DC-Converter
2.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!
RR7 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR7-2403S02AX
9-36
15
110.0
3.3
0
600
75
470
RR7-2405S02AX
9-36
15
109.6
5
0
400
76
330
RR7-2407S02AX
9-36
15
106.8
7.2
0
277
78
68
RR7-2409S02AX
9-36
15
106.8
9
0
222
78
68
RR7-2412S02AX
9-36
15
106.8
12
0
166
78
47
RR7-2415S02AX
9-36
15
106.8
15
0
133
78
22
RR7-2418S02AX
9-36
15
106.8
18
0
111
78
22
RR7-2424S02AX
9-36
15
106.8
24
0
83
78
10
RR7-2403D02AX
9-36
15
110.0
±3.3
0
±
303
75
±
220
RR7-2405D02AX
9-36
15
109.6
±5
0
±
200
76
±
100
RR7-2407D02AX
9-36
15
106.8
±7.2
0
±
138
78
±
33
RR7-2409D02AX
9-36
15
106.8
±9
0
±
111
78
±
33
RR7-2412D02AX
9-36
15
106.8
±12
0
±
83
78
±
22
RR7-2415D02AX
9-36
15
106.8
±15
0
±
66
78
±
10
RR7-2418D02AX
9-36
15
106.8
±18
0
±
55
78
±
10
RR7-2424D02AX
9-36
15
106.8
±24
0
±
41
78
±
10
RR7-4803S02AX
18-72
12
55.0
3.3
0
600
75
470
RR7-4805S02AX
18-72
12
54.82
5
0
400
76
330
RR7-4807S02AX
18-72
12
53.4
7.2
0
277
78
68
RR7-4809S02AX
18-72
12
53.4
9
0
222
78
68
RR7-4812S02AX
18-72
12
53.4
12
0
166
78
47
RR7-4815S02AX
18-72
12
53.4
15
0
133
78
22
RR7-4818S02AX
18-72
12
53.4
18
0
111
78
22
RR7-4824S02AX
18-72
12
53.4
24
0
83
78
10
RR7-4803D02AX
18-72
12
55.5
±3.3
0
±
303
75
±
220
RR7-4805D02AX
18-72
12
54.82
±5
0
±
200
76
±
100
RR7-4807D02AX
18-72
12
53.4
±7.2
0
±
138
78
±
33
RR7-4809D02AX
18-72
12
53.4
±9
0
±
111
78
±
33
RR7-4812D02AX
18-72
12
53.4
±12
0
±
83
78
±
22
RR7-4815D02AX
18-72
12
53.4
±15
0
±
66
78
±
10
RR7-4818D02AX
18-72
12
53.4
±18
0
±
55
78
±
10
RR7-4824D02AX
18-72
12
53.4
±24
0
±
41
78
±
10
Suffix “3” means 3.5KVdc isolation
Suffix “P” means Plastic case instead of standard Metal Case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de


Similar Part No. - RR7-2405S02A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-2405S03A1 RSG-RR7-2405S03A1 Datasheet
752Kb / 4P
   DC/DC-Converter
RR7-2405S03A3 RSG-RR7-2405S03A3 Datasheet
752Kb / 4P
   DC/DC-Converter
RR7-2405S05A1 RSG-RR7-2405S05A1 Datasheet
758Kb / 4P
   DC/DC-Converter
RR7-2405S05A3 RSG-RR7-2405S05A3 Datasheet
758Kb / 4P
   DC/DC-Converter
RR7-2405S05AX RSG-RR7-2405S05AX Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
More results

Similar Description - RR7-2405S02A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com