Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1-1503S20A1 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RS1-1503S20A1
Description  DC/DC-Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RS1-1503S20A1 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RS1-1503S20A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RS1-1503S20A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RS1-1503S20A1 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (3)
RD1 -
XX
XX
X
XX
Power (W)
Input
03=3.3V
Type
A
X
Code
internal
Isolation
(kVDC)
48=48V
20=2.0
48=48V
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
INPUT Current
OUTPUT OUTPUT Current
Voltage
No-Load
Full Load
Voltage
Full load
EFFICIENCY
Capacitor
(Vdc)
(mA)
(mA)
(Vdc)
(mA)
@FL(%)
Load(uF)
RS1-0503S20AX
5
35
371
3.3
400
71
470
RS1-0505S20AX
5
35
519
5
400
77
470
RS1-0507S20AX
5
35
519
7.2
278
77
470
RS1-0509S20AX
5
35
500
9
222
80
470
RS1-0512S20AX
5
35
487
12
167
82
470
RS1-0515S20AX
5
35
487
15
133
82
470
RS1-0518S20AX
5
35
487
18
111
82
470
RS1-0524S20AX
5
35
487
24
83
82
470
RS1-1203S20AX
12
20
152
3.3
400
72
470
RS1-1205S20AX
12
20
213
5
400
78
470
RS1-1207S20AX
12
20
208
7.2
278
80
470
RS1-1209S20AX
12
20
203
9
222
82
470
RS1-1212S20AX
12
20
198
12
167
84
470
RS1-1215S20AX
12
20
198
15
133
84
470
RS1-1218S20AX
12
20
198
18
111
84
470
RS1-1224S20AX
12
25
203
24
83
82
470
RS1-1503S20AX
15
18
120
3.3
400
73
470
RS1-1505S20AX
15
18
170
5
400
78
470
RS1-1507S20AX
15
18
166
7.2
278
80
470
RS1-1509S20AX
15
18
162
9
222
82
470
RS1-1512S20AX
15
18
158
12
167
84
470
RS1-1515S20AX
15
18
158
15
133
84
470
RS1-1518S20AX
15
18
158
18
111
84
470
RS1-1524S20AX
15
18
162
24
83
82
470
RS1-2403S20AX
24
10
74
3.3
400
74
470
RS1-2405S20AX
24
10
104
5
400
80
470
RS1-2407S20AX
24
10
104
7.2
278
80
470
RS1-2409S20AX
24
10
99
9
222
84
470
RS1-2412S20AX
24
10
99
12
167
84
470
RS1-2415S20AX
24
10
99
15
133
84
470
RS1-2418S20AX
24
10
99
18
111
84
470
RS1-2424S20AX
24
10
99
24
83
84
470
RS1-4803S20AX
48
7
38
3.3
400
72
470
RS1-485S20AX
48
7
53
5
400
78
470
RS1-4807S20AX
48
7
52
7.2
278
80
470
RS1-4809S20AX
48
7
51
9
222
82
470
RS1-4812S20AX
48
7
52
12
167
80
470
RS1-4815S20AX
48
7
51
15
133
82
470
RS1-4818S20AX
48
7
51
18
111
82
470
RS1-4824S20AX
48
7
51
24
83
82
470
Suffix “3” means 3 KVdc isolation
DC/DC-Converter
2.0W unregulated
Single Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RS1-1503S20A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RS1-1503S02AX RSG-RS1-1503S02AX Datasheet
1Mb / 5P
   DC/DC-Converter
RS1-1503S05A1 RSG-RS1-1503S05A1 Datasheet
1Mb / 5P
   DC/DC-Converter
RS1-1503S05A3 RSG-RS1-1503S05A3 Datasheet
1Mb / 5P
   DC/DC-Converter
RS1-1503S15A1 RSG-RS1-1503S15A1 Datasheet
772Kb / 4P
   DC/DC-Converter
RS1-1503S15A3 RSG-RS1-1503S15A3 Datasheet
772Kb / 4P
   DC/DC-Converter
More results

Similar Description - RS1-1503S20A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com