Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR2-4805D05A3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR2-4805D05A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR2-4805D05A3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR2-4805D05A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR2-4805D05A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR2-4805D05A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR2-4805D05A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR2 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR2-1205S05AX
9-18
20
563
5
250
1000
74
2200
RR2-1209S05AX
9-18
20
541
9
139
555
77
470
RR2-1212S05AX
9-18
20
534
12
104
417
78
470
RR2-1215S05AX
9-18
20
534
15
83
333
78
470
RR2-1224S05AX
9-18
20
556
24
52
208
75
220
RR2-1205D05AX
9-18
20
579
±
5
±
125
±
500
72
±
1000
RR2-1209D05AX
9-18
20
548
±
9
±
70
±
278
76
±
220
RR2-1212D05AX
9-18
20
541
±
12
±
52
±
208
77
±
220
RR2-1215D05AX
9-18
20
541
±
15
±
42
±
167
77
±
220
RR2-1224D05AX
9-18
20
548
±
24
±
26
±
104
76
±
100
RR2-2405S05AX
18-36
12
278
5
250
1000
75
2200
RR2-2409S05AX
18-36
12
274
9
139
555
76
470
RR2-2412S05AX
18-36
12
271
12
104
417
77
470
RR2-2415S05AX
18-36
12
267
15
83
333
78
470
RR2-2424S05AX
18-36
12
274
24
52
208
76
220
RR2-2405D05AX
18-36
12
282
±
5
±
125
±
500
74
±
1000
RR2-2409D05AX
18-36
12
274
±
9
±
70
±
278
76
±
220
RR2-2412D05AX
18-36
12
267
±
12
±
52
±
208
78
±
220
RR2-2415D05AX
18-36
12
267
±
15
±
42
±
167
78
±
220
RR2-2424D05AX
18-36
12
278
±
24
±
26
±
104
75
±
100
RR2-4805S05AX
36-72
8
135
5
250
1000
77
2200
RR2-4809S05AX
36-72
8
134
9
139
555
78
470
RR2-4812S05AX
36-72
8
130
12
104
417
80
470
RR2-4815S05AX
36-72
8
130
15
83
333
80
470
RR2-4824S05AX
36-72
8
135
24
52
208
77
220
RR2-4805D05AX
36-72
8
137
±
5
±
125
±
500
76
±
1000
RR2-4809D05AX
36-72
8
134
±
9
±
70
±
278
78
±
220
RR2-4812D05AX
36-72
8
134
±
12
±
52
±
208
78
±
220
RR2-4815D05AX
36-72
8
130
±
15
±
42
±
167
80
±
220
RR2-4824D05AX
36-72
8
135
±
24
±
26
±
104
77
±
100
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to :info@rsg-electronic.de
DC/DC-Converter
5.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR2-4805D05A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-4805D05AXD RSG-RR2-4805D05AXD Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
More results

Similar Description - RR2-4805D05A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com