Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV860K7-G Datasheet(PDF) 6 Page - Supertex, Inc

Part # HV860K7-G
Description  Low Noise, Dimmable EL Lamp Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV860K7-G Datasheet(HTML) 6 Page - Supertex, Inc

  HV860K7-G Datasheet HTML 1Page - Supertex, Inc HV860K7-G Datasheet HTML 2Page - Supertex, Inc HV860K7-G Datasheet HTML 3Page - Supertex, Inc HV860K7-G Datasheet HTML 4Page - Supertex, Inc HV860K7-G Datasheet HTML 5Page - Supertex, Inc HV860K7-G Datasheet HTML 6Page - Supertex, Inc HV860K7-G Datasheet HTML 7Page - Supertex, Inc HV860K7-G Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
HV860
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
Figure 4: PWM Dimming Circuit
HV860
VIN
VDD
EL Lamp
3.3nF
200V
0.1μF
1.0MΩ
4.7μF
BAS21
2.0MΩ
3.3MΩ
220μH
(Cooper Inductor SD3814-221)
9
7
5
3
2
10
12
1
11
4
8
10kΩ
Open Drain
n-channel
PWM Signal
+
-
On = 1.5V
Off = 0V
+
-
VDD
VB
VA
CS
LX
VREF
VREG
REL-Osc
RSW-Osc
EN
GND
This section describes the method of dimming the EL lamp.
Reducing the voltage amplitude at the VREG pin will reduce
the voltage on the CS pin, which will effectively reduce the
peak to peak voltage the EL lamp sees. Figure 4 shows a
circuit to dim the lamp by changing the duty cycle of a PWM
signal. A 10kΩ resistor is connected in series with a 3.3MΩ
resistor. An N-channel open drain PWM signal is used to pull
the 10kΩ resistor to ground. The effective voltage on the
VREG pin will be proportional to the duty cycle of the PWM
signal. The PWM operating frequency can be anywhere
between 20kHz to 100kHz.
EL Lamp Dimming using PWM


Similar Part No. - HV860K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860K7-G SUTEX-HV860K7-G Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
More results

Similar Description - HV860K7-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV860 SUTEX-HV860 Datasheet
320Kb / 7P
   Low Noise Dimmable EL Lamp Driver
HV861 SUTEX-HV861 Datasheet
684Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV862 SUTEX-HV862 Datasheet
698Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV861 SUTEX-HV861_10 Datasheet
588Kb / 7P
   Dimmable, Low Noise, Dual EL Lamp Driver
HV881 SUTEX-HV881 Datasheet
745Kb / 8P
   Dimmable, Low Noise, 16 channel EL Lamp Driver
HV816 SUTEX-HV816_12 Datasheet
679Kb / 6P
   High Voltage, Dimmable EL Lamp Driver
HV845DB1 SUTEX-HV845DB1 Datasheet
307Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV845 SUTEX-HV845 Datasheet
423Kb / 6P
   Low Noise Dual EL Lamp Driver
HV843DB1 SUTEX-HV843DB1 Datasheet
319Kb / 2P
   Low Noise, Dual EL Lamp Driver
HV835 SUTEX-HV835 Datasheet
242Kb / 6P
   Low Noise Dual EL Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com