Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR7-4812S05A1 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR7-4812S05A1
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-4812S05A1 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR7-4812S05A1 Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-4812S05A1 Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-4812S05A1 Datasheet HTML 3Page - RSG Electronic Components GmbH RR7-4812S05A1 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
Output Ripple & Noise Measurement Test
Copper Strip
+Vout
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
Single
DC/DC
Converter
1uF
Cout
Resistive
Scope
Load
-Vout
Input Reflected Ripple Current Test Step
+Vout
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
EMI Filter
+Vout
+Vin
L
Input filter components (C1,C2, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
DC/DC
Converter
Load
C1
C2
-Vin
-Vout
C1
L
C2
68uF,
100V
12uH
33uF,
100V
1. Ripple/Noise measured with a 1uF ceramic capacitor.
2. Test by nominal input voltage and constant resistor load.
3. Measured Input reflected ripple current with a simulated source inductance of 12uH.
4. It’s recommended to add (C1, C2, L) in input end to achieve EN55022 conducted Class A.
5. An external filter capacitor is required if the module has to meet IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
6. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
EFFICIENCY VS OUTPUT CURRENT
90
85
80
75
70
65
60
55
50
Lo Line
Nominal
Hi Line
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
90
85
80
75
70
65
60
55
50
Lo Line
Nominal
Hi Line
0%
20%
40%
60%
Load
80%
100%
120%
24 Models
48 Models
Output Ripple & Noise Measurement Test
Copper Strip
+Vout
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
Single
DC/DC
Converter
1uF
Cout
Resistive
Scope
Load
-Vout
Input Reflected Ripple Current Test Step
+Vout
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
EMI Filter
+Vout
+Vin
L
Input filter components (C1,C2, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
DC/DC
Converter
Load
C1
C2
-Vin
-Vout
C1
L
C2
68uF,
100V
12uH
33uF,
100V
1. Ripple/Noise measured with a 1uF ceramic capacitor.
2. Test by nominal input voltage and constant resistor load.
3. Measured Input reflected ripple current with a simulated source inductance of 12uH.
4. It’s recommended to add (C1, C2, L) in input end to achieve EN55022 conducted Class A.
5. An external filter capacitor is required if the module has to meet IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
6. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
EFFICIENCY VS OUTPUT CURRENT
90
85
80
75
70
65
60
55
50
Lo Line
Nominal
Hi Line
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
90
85
80
75
70
65
60
55
50
Lo Line
Nominal
Hi Line
0%
20%
40%
60%
Load
80%
100%
120%
24 Models
48 Models
Output Ripple & Noise Measurement Test
Copper Strip
+Vout
Use a capacitor Cout(1.0uF) measurement.
The Scope measurement bandwidth is 0-20MHz.
Single
DC/DC
Converter
1uF
Cout
Resistive
Scope
Load
-Vout
Input Reflected Ripple Current Test Step
+Vout
Input reflected ripple current is measured through
a source inductor Lin(12uH) and a source capacitor
Cin(47uF, ESR<1.0© at 100KHz) at nominal input and
full load.
+Vin
Lin
Current
Probe
Cin
DC/DC
Converter
Load
-Vin
-Vout
EMI Filter
+Vout
+Vin
L
Input filter components (C1,C2, L) are used to help
meet conducted emissions requirement for the module.
These components should be mounted as close as
possible to the module; and all leads should be
minimized to decrease radiated noise.
DC/DC
Converter
Load
C1
C2
-Vin
-Vout
C1
L
C2
68uF,
100V
12uH
33uF,
100V
1. Ripple/Noise measured with a 1uF ceramic capacitor.
2. Test by nominal input voltage and constant resistor load.
3. Measured Input reflected ripple current with a simulated source inductance of 12uH.
4. It’s recommended to add (C1, C2, L) in input end to achieve EN55022 conducted Class A.
5. An external filter capacitor is required if the module has to meet IEC61000-4-5.
The filter capacitor RSG suggest: Nippon - chemi - con KY series, 220uF/100V.
6. Exceeding the absolute ratings of the unit could cause damage. It is not allowed for continuous operating.
EFFICIENCY VS OUTPUT CURRENT
90
85
80
75
70
65
60
55
50
Lo Line
Nominal
Hi Line
0%
20%
40%
60%
Load
80%
100%
120%
EFFICIENCY VS OUTPUT CURRENT
90
85
80
75
70
65
60
55
50
Lo Line
Nominal
Hi Line
0%
20%
40%
60%
Load
80%
100%
120%
24 Models
48 Models
DC/DC-Converter
5.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR7-4812S05A1

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-4812S05AX RSG-RR7-4812S05AX Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
More results

Similar Description - RR7-4812S05A1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com