Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR6-4803S04AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR6-4803S04AX
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR6-4803S04AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR6-4803S04AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR6-4803S04AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR6-4803S04AX Datasheet HTML 3Page - RSG Electronic Components GmbH RR6-4803S04AX Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 2 (4)
RR6 -
XX
XX
S/D
XX
Power (W)
Input
Type
A
X X
Code
internal
Isolation
(kVDC)
MODEL SELECTION GUIDE
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
Load (uF)
RR6-2403S04AX
9-36
18
222.0
3.3
0
1200
75
1000
RR6-2405S04AX
9-36
18
210.9
5
0
800
79
680
RR6-2407S04AX
9-36
18
208.3
7.2
0
555
80
100
RR6-2409S04AX
9-36
18
208.3
9
0
444
80
100
RR6-2412S04AX
9-36
18
203.3
12
0
333
82
100
RR6-2415S04AX
9-36
18
203.3
15
0
266
82
100
RR6-2424S04AX
9-36
18
205.8
24
0
166
81
100
RR6-2403D04AX
9-36
18
222.0
±
3.3
0
±
606
75
±
470
RR6-2405D04AX
9-36
18
210.9
±
5
0
±
400
79
±
330
RR6-2407D04AX
9-36
18
210.9
±
7.2
0
±
277
79
±
47
RR6-2409D04AX
9-36
18
205.8
±
9
0
±
222
81
±
47
RR6-2412D04AX
9-36
20
203.3
±
12
0
±
166
82
±
47
RR6-2415D04AX
9-36
20
205.8
±
15
0
±
133
81
±
22
RR6-2424D04AX
9-36
25
210.9
±
24
0
±
83
79
±
10
RR6-4803S04AX
18-72
15
110.0
3.3
0
1200
75
1000
RR6-4805S04AX
18-72
15
105.5
5
0
800
79
680
RR6-4807S04AX
18-72
15
102.8
7.2
0
555
81
680
RR6-4809S04AX
18-72
15
104.2
9
0
444
80
220
RR6-4812S04AX
18-72
15
101.6
12
0
333
82
220
RR6-4815S04AX
18-72
15
101.6
15
0
266
82
68
RR6-4824S04AX
18-72
15
104.2
24
0
166
80
47
RR6-4803D04AX
18-72
15
108.2
±
3.3
0
±
606
77
±
680
RR6-4805D04AX
18-72
15
105.5
±
5
0
±
400
79
±
330
RR6-4807D04AX
18-72
15
107.0
±
7.2
0
±
277
78
±
47
RR6-4809D04AX
18-72
15
104.2
±
9
0
±
222
80
±
47
RR6-4812D04AX
18-72
15
102.8
±
12
0
±
166
81
±
47
RR6-4815D04AX
18-72
15
101.6
±
15
0
±
133
82
±
33
RR6-4824D04AX
18-72
15
104.2
±
24
0
±
83
80
±
22
Suffix “3” means 3.5KVdc isolation
The models listed above is just for standard type. If you need the special specification product, please contact our service member by
telephone presented in shortform cover or e-mail to : info@rsg-electronic.de
DC/DC-Converter
4.0W 4:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR6-4803S04AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR6-4803S03AX RSG-RR6-4803S03AX Datasheet
143Kb / 3P
   3.0 Watt 4:1 regulated
RR6-4803S05A1 RSG-RR6-4803S05A1 Datasheet
701Kb / 4P
   DC/DC-Converter
RR6-4803S05A3 RSG-RR6-4803S05A3 Datasheet
701Kb / 4P
   DC/DC-Converter
RR6-4803S06A1 RSG-RR6-4803S06A1 Datasheet
700Kb / 4P
   DC/DC-Converter
RR6-4803S06A3 RSG-RR6-4803S06A3 Datasheet
700Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR6-4803S04AX

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com