Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR2-0512S03A3 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # RR2-0512S03A3
Description  DC/DC-Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR2-0512S03A3 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  RR2-0512S03A3 Datasheet HTML 1Page - RSG Electronic Components GmbH RR2-0512S03A3 Datasheet HTML 2Page - RSG Electronic Components GmbH RR2-0512S03A3 Datasheet HTML 3Page - RSG Electronic Components GmbH RR2-0512S03A3 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RSG Electronic Components GmbH •Sprendlinger Ldst. 115 • 63069 Offenbach •+49 69-984047-0 •rsg-electronic.de
page 3 (4)
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR2-2409S03AX
18-36
12
156
9
83
333
80
470
RR2-2412S03AX
18-36
12
152
12
62
250
82
470
RR2-2415S03AX
18-36
12
152
15
50
200
82
470
RR2-2418S03AX
18-36
12
158
18
42
167
79
220
RR2-2424S03AX
18-36
12
156
24
31
125
80
220
RR2-2405D03AX
18-36
12
156
±
5
±
75
±
300
80
±
1000
RR2-2407D03AX
18-36
12
160
±
7.2
±
52
±
208
78
±
220
RR2-2409D03AX
18-36
12
158
±
9
±
42
±
167
80
±
220
RR2-2412D03AX
18-36
12
152
±
12
±
31
±
125
82
±
220
RR2-2415D03AX
18-36
12
152
±
15
±
25
±
100
82
±
220
RR2-2418D03AX
18-36
12
156
±
18
±
21
±
83
80
±
220
RR2-2424D03AX
18-36
12
156
±
24
±
16
±
63
80
±
100
RR2-4805S03AX
36-72
8
81
5
150
600
77
2200
RR2-4807S03AX
36-72
8
80
7.2
104
417
78
1000
RR2-4809S03AX
36-72
8
80
9
83
333
78
470
RR2-4812S03AX
36-72
8
78
12
63
250
80
470
RR2-4815S03AX
36-72
8
78
15
50
200
80
470
RR2-4818S03AX
36-72
8
81
18
42
167
77
220
RR2-4824S03AX
36-72
8
78
24
31
125
80
220
RR2-4805D03AX
36-72
8
80
±
5
±
75
±
300
78
±
1000
RR2-4807D03AX
36-72
8
80
±
7.2
±
52
±
208
78
±
220
RR2-4809D03AX
36-72
8
79
±
9
±
42
±
167
79
±
220
RR2-4812D03AX
36-72
8
78
±
12
±
31
±
125
80
±
220
RR2-4815D03AX
36-72
8
78
±
15
±
25
±
100
80
±
220
RR2-4818D03AX
36-72
8
80
±
18
±
21
±
83
78
±
220
RR2-4824D03AX
36-72
8
78
±
24
±
15.8
±
63
80
±
100
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
TEST CONFIGURATIONS
E
C1
L
C2
RR2-05XXS/D03AX
220uF/100V
12uH
RR2-12XXS/D03AX
220uF/100V
12uH
RR2-24XXS/D03AX
220uF/100V
12uH
MLCC470pF
RR2-48XXS/D03AX
220uF/100V
12uH
MLCC470pF
EMI FILTER
Input Filter Components (C1,C2,L) are used to help meet conducted
emissions requirement for the module.
These Components should be mounted as close as possible to the
module, and all leads should be minimized to decrease radiated noise.
MODEL NUMBER
INPUT
Voltage Range
(Vdc)
INPUT Current
OUTPUT
Voltage
(Vdc)
OUTPUT Current
EFFICIENCY
@FL(%)
Capacitor
Load(uF)
No-Load
(mA)
Full Load
(mA)
Min. load
(mA)
Full load
(mA)
RR2-2409S03AX
18-36
12
156
9
83
333
80
470
RR2-2412S03AX
18-36
12
152
12
62
250
82
470
RR2-2415S03AX
18-36
12
152
15
50
200
82
470
RR2-2418S03AX
18-36
12
158
18
42
167
79
220
RR2-2424S03AX
18-36
12
156
24
31
125
80
220
RR2-2405D03AX
18-36
12
156
±
5
±
75
±
300
80
±
1000
RR2-2407D03AX
18-36
12
160
±
7.2
±
52
±
208
78
±
220
RR2-2409D03AX
18-36
12
158
±
9
±
42
±
167
80
±
220
RR2-2412D03AX
18-36
12
152
±
12
±
31
±
125
82
±
220
RR2-2415D03AX
18-36
12
152
±
15
±
25
±
100
82
±
220
RR2-2418D03AX
18-36
12
156
±
18
±
21
±
83
80
±
220
RR2-2424D03AX
18-36
12
156
±
24
±
16
±
63
80
±
100
RR2-4805S03AX
36-72
8
81
5
150
600
77
2200
RR2-4807S03AX
36-72
8
80
7.2
104
417
78
1000
RR2-4809S03AX
36-72
8
80
9
83
333
78
470
RR2-4812S03AX
36-72
8
78
12
63
250
80
470
RR2-4815S03AX
36-72
8
78
15
50
200
80
470
RR2-4818S03AX
36-72
8
81
18
42
167
77
220
RR2-4824S03AX
36-72
8
78
24
31
125
80
220
RR2-4805D03AX
36-72
8
80
±
5
±
75
±
300
78
±
1000
RR2-4807D03AX
36-72
8
80
±
7.2
±
52
±
208
78
±
220
RR2-4809D03AX
36-72
8
79
±
9
±
42
±
167
79
±
220
RR2-4812D03AX
36-72
8
78
±
12
±
31
±
125
80
±
220
RR2-4815D03AX
36-72
8
78
±
15
±
25
±
100
80
±
220
RR2-4818D03AX
36-72
8
80
±
18
±
21
±
83
78
±
220
RR2-4824D03AX
36-72
8
78
±
24
±
15.8
±
63
80
±
100
Suffix “3” means 3.5KVdc isolation
Suffix “M” means Metal Case instead of standard Plastic case
TEST CONFIGURATIONS
E
C1
L
C2
RR2-05XXS/D03AX
220uF/100V
12uH
RR2-12XXS/D03AX
220uF/100V
12uH
RR2-24XXS/D03AX
220uF/100V
12uH
MLCC470pF
RR2-48XXS/D03AX
220uF/100V
12uH
MLCC470pF
EMI FILTER
Input Filter Components (C1,C2,L) are used to help meet conducted
emissions requirement for the module.
These Components should be mounted as close as possible to the
module, and all leads should be minimized to decrease radiated noise.
DC/DC-Converter
3.0W 2:1 Regulated
Single & Dual Output
we energize electronics!
an acal group company
we energize electronics!


Similar Part No. - RR2-0512S03A3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-0512S03AX RSG-RR2-0512S03AX Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
More results

Similar Description - RR2-0512S03A3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com