Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9135A Datasheet(PDF) 10 Page - Keysight Technologies

Part # M9135A
Description  General Purpose Switch Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9135A Datasheet(HTML) 10 Page - Keysight Technologies

Back Button M9135A Datasheet HTML 6Page - Keysight Technologies M9135A Datasheet HTML 7Page - Keysight Technologies M9135A Datasheet HTML 8Page - Keysight Technologies M9135A Datasheet HTML 9Page - Keysight Technologies M9135A Datasheet HTML 10Page - Keysight Technologies M9135A Datasheet HTML 11Page - Keysight Technologies M9135A Datasheet HTML 12Page - Keysight Technologies M9135A Datasheet HTML 13Page - Keysight Technologies M9135A Datasheet HTML 14Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10 | Keysight | General Purpose Switch Modules - Data Sheet
General specifications
Slot type
PXI 1-slot
Connector type
M9130A
M9131A
M9132A
M9133A
M9135A
78 D connector
block or cable
200 LFH connector
block or cable
200 LFH connector
block or cable
200 LFH connector
block or cable
20 MSM connector
block or cable
Physical characteristics
Dimensions
– 3U/1-slot PXI/CompactPCI standard
– Connector slot compatibility: cPCI (J1), PXI 1, PXIe hybrid slot
– Front panel complies with IEEE1101.10 certification and compliance
Weight
M9130A
M9131A
M9132A
M9133A
M9135A
190 g
(.42 lbs)
230 g
(.51 lbs)
300 g
(.66 lbs)
240 g
(.53 lbs)
300 g
(.66 lbs)
Power requirements
M9130A
M9131A
M9132A
M9133A
M9135A
+3.3 V
0
0
0
0
0
+5 V
500 mA
(400 ma typ)
1 A
500 mA
500 mA
200 mA
+12 V
0
0
0
0
15 mA per relay
Environmental characteristics1, 2
Temperature
Operating: 0° to 55°C
Non-operating: -40° to +70°C
Relative humidity
Relative humidity: Up to 95% R.H. at 40˚ C, non-condensing, pollution degree 1
EMC
European EMC Directive 2004/108/EC
- IEC/EN 61326-1
- CISPR Pub 11 Group 1, Class A
- AS/NZS CISPR 11
- ICES/NMB-001
Canadian ISM device ICS-001
Safety
European Low Voltage Directive 2006/95/EC
- ETL, UL/IEC/EN 61010-1, 2nd Edition
Altitude under relative humidity
Altitude: up to 4.6 km (15,000 ft)
Warm-up time
15 minutes, max
1. Samples of this product have been type tested in accordance with the Keysight Environmental Test Manual and verified to be robust against the environ-
mental stresses of storage, transportation, and end-use; those stresses include, but are not limited to temperature, humidity, shock, vibration, altitude,
and power line conditions.
2. Test methods are aligned with IEC 60068-2 and levels are similar to MIL-PRF-28800F class 3.
Table 9


Similar Part No. - M9135A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9135A KEYSIGHT-M9135A Datasheet
2Mb / 15P
   General Purpose Switch Modules
More results

Similar Description - M9135A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9131A KEYSIGHT-M9131A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9132A KEYSIGHT-M9132A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
   General Purpose Switch Modules
logo
Omron Electronics LLC
D4A-XN OMRON-D4A-XN Datasheet
952Kb / 24P
   General-purpose Limit Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
logo
TriQuint Semiconductor
CSH210R TRIQUINT-CSH210R Datasheet
323Kb / 7P
   General Purpose SPDT Switch
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
   GENERAL PURPOSE AMPLIFIER AND SWITCH
November 1997
logo
Omron Electronics LLC
V-15-1C25-K OMRON-V-15-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com