Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4359 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AKD4359
Description  192 KHZ 24 BIT 8CH DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4359 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AKD4359 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4359 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
ASAHI KASEI
[AK4359]
MS0289-E-00
2004/02
- 5 -
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
LOUT4-1, ROUT4-1
These pins should be open.
DZF2-1
These pins should be open.
Digital
SDTI4-1, SMUTE, DIF1, DEM0
These pins should be connected to DVSS.
ABSOLUTE MAXIMUM RATINGS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
Min
Max
Units
Power Supplies
Analog
Digital
|AVSS-DVSS|
(Note 2)
AVDD
DVDD
∆GND
-0.3
-0.3
-
6.0
6.0
0.3
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
VIND
-0.3
DVDD+0.3
V
Ambient Operating Temperature
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 1. All voltages with respect to ground.
Note 2. AVSS and DVSS must be connected to the same analog ground plane.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(AVSS, DVSS=0V; Note 1)
Parameter
Symbol
Min
Typ
Max
Units
Power Supplies
(Note 3)
Analog
Digital
AVDD
DVDD
4.5
4.5
5.0
5.0
5.5
5.5
V
V
Note 3. The power up sequence between AVDD and DVDD is not critical.
*AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AKD4359

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4359 AKM-AKD4359 Datasheet
474Kb / 33P
   106dB 192kHz 24-Bit 8ch DAC
AKD4359-SC AKM-AKD4359-SC Datasheet
393Kb / 33P
   the 24bit 8ch D/A converter.
AKD4359A AKM-AKD4359A Datasheet
598Kb / 34P
   106dB 192kHz 24-Bit 8ch DAC
More results

Similar Description - AKD4359

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833_15 Datasheet
532Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. A
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com