Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC814BRU-REEL Datasheet(PDF) 11 Page - Analog Devices

Part # ADUC814BRU-REEL
Description  MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814BRU-REEL Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUC814BRU-REEL Datasheet HTML 7Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 8Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 9Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 10Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 11Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 12Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 13Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 14Page - Analog Devices ADUC814BRU-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
ADuC814
Rev. A | Page 11 of 72
Pin No.
Mnemonic
Type
Function
17
CREF
I
Decoupling Input for On-Chip Reference. Connect 0.1 µF between this pin and AGND.
18–21
P1.4–P1.7
I
Port 1.4 to P1.7. These pins have no digital output drivers, i.e., they can only function as digital inputs,
for which 0 must be written to the port bit. These port pins also have the following analog functionality:
18
P1.4/ADC2
I
ADC Input Channel 2. Selected via ADCCON2 SFR.
19
P1.5/ADC3
I
ADC Input Channel 2. Selected via ADCCON2 SFR.
20
P1.6/ADC4/
DAC0
I/O
ADC Input Channel 4. Selected via ADCCON2 SFR. The voltage DAC Channel 0 can also be configured
to appear on P1.6.
21
P1.7/
ADC5/DAC1
I/O
ADC Input Channel 5, selected via ADCCON2 SFR. The voltage DAC Channel 1 can also be configured
to appear on P1.7.
22–24
P3.5–P3.7
I/O
Bidirectional Port Pins with Internal Pull-Up Resistors. Port 3 pins that have 1s written to them are
pulled high by the internal pull-up resistors, and in that state they can be used as inputs. As inputs
,with Port 3 pins being pulled low externally, they source current because of the internal pull-up
resistors. When driving a 0-to-1 output transition a strong pull-up is active during S1 of the instruction
cycle. Port 3 pins also have various secondary functions which are described as follows.
22
P3.5/T1
I/O Timer/Counter 1 Input. P3.5–P3.7 pins also have SPI interface functions. To enable these functions,
Bit 0 of the CFG814 SFR must be set to 1.
22
P3.5/SS
/EXTCLK
I/O
This pin also functions as the Slave Select input for the SPI interface when the device is operated in
slave mode. P3.5 can also function as an input for an external clock. This clock effectively bypasses the
PLL. This function is enabled by setting Bit 1 of the CFG814 SFR.
23
P3.6/MISO
I/O
SPI Master Input/Slave Output Data Input/Output Pin.
24
P3.7/SDATA/
MOSI
I/O
SPI Master Output/Slave Input Data Input/Output Pin.
25
SCLOCK
I/O
Serial Clock Pin for SPI Serial Interface Clock.
26
XTAL1
I
Input to the Crystal Oscillator Inverter.
27
XTAL2
O
Output from the Crystal Oscillator Inverter.
28
DVDD
S
Analog Positive Supply Voltage, 3 V or 5 V.
I = Input, O = Output, S = Supply, G - Ground.
The following notes apply to the entire data sheet:
In bit designation tables, set implies a Logic 1 state, and cleared implies a Logic 0 state, unless otherwise stated.
Set and cleared also imply that the bit is set or cleared by the ADuC814 hardware, unless otherwise stated.
User software should not write to reserved or unimplemented bits as they may be used in future products.


Similar Part No. - ADUC814BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814BRU-REEL AD-ADUC814BRU-REEL Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814BRU-REEL7 AD-ADUC814BRU-REEL7 Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com