Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9208-XX Datasheet(PDF) 6 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9208-XX
Description  5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9208-XX Datasheet(HTML) 6 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9208-XX Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9208-XX Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
FEDL9208-02
ML9208
6/33
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Supply Voltage (1)
VDD
–0.3 to 6.5
V
Supply Voltage (2)
VFL
–45 to VDD +0.3
V
Input Voltage
VIN
–0.3 to VDD +0.3
V
QFP
541
Power Dissipation
PD
Ta
25C
SSOP
590
mW
Storage Temperature
TSTG
–55 to 150
C
IO1
COM1 to 16
–40 to 0.0
mA
IO2
AD1, AD2
–20 to 0.0
mA
IO3
SEG1 to 35
–10 to 0.0
mA
Output Current
IO4
P1, P2
–4.0 to 4.0
mA
RECOMMENDED OPERATING CONDITIONS-1
When the power supply voltage is 5 V (typ.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage (1)
VDD
4.5
5.0
5.5
V
Supply Voltage (2)
VFL
–36.5
–20
V
High Level Input Voltage
VIH
All input pins excluding OSC0 pin
0.7 VDD
V
Low Level Input Voltage
VIL
All input pins excluding OSC0 pin
0.3 VDD
V
CP Frequency
fC
2.0
MHz
Oscillation Frequency
fOSC
R1 = 3.3 k, C1 = 39 pF
1.5
2.0
2.5
MHz
Frame Frequency
fFR
DIGIT = 1 to 16, R1 = 3.3 k, C1 = 39 pF
183
244
305
Hz
Operating Temperature
Top
–40
85
C


Similar Part No. - ML9208-XX

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9208-XX OKI-ML9208-XX Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
logo
List of Unclassifed Man...
ML9208-XX ETC2-ML9208-XX Datasheet
420Kb / 33P
   16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9208-XXGA OKI-ML9208-XXGA Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208-XXMB OKI-ML9208-XXMB Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
More results

Similar Description - ML9208-XX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML9208A-02 ETC2-ML9208A-02 Datasheet
639Kb / 35P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9206 OKI-ML9206 Datasheet
355Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
ML9205-01 OKI-ML9205-01 Datasheet
355Kb / 34P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
   5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9208 OKI-ML9208 Datasheet
337Kb / 33P
   5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
ML9203 OKI-ML9203 Datasheet
388Kb / 31P
   5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
MSC7128 OKI-MSC7128 Datasheet
200Kb / 27P
   5 x 7-Dot Character x 16-Digit Display Controller/Driver
logo
List of Unclassifed Man...
ML9208-02 ETC2-ML9208-02 Datasheet
420Kb / 33P
   5x7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
logo
OKI electronic componet...
ML9207 OKI-ML9207 Datasheet
498Kb / 35P
   5 X 7 Dot Character 횞 24-Digit Display Controller/Driver with Character RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com