Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML7125-001 Datasheet(PDF) 5 Page - LAPIS Semiconductor Co., Ltd.

Part # ML7125-001
Description  Bluetooth Smart LSI supporting Core Specification
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML7125-001 Datasheet(HTML) 5 Page - LAPIS Semiconductor Co., Ltd.

  ML7125-001 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML7125-001 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
FEDL7125-04
ML7125-001/ML7125-002
5/33
E2
SPICLK
TM4
Input
I
---
SPICLK : SPI SLAVE Clock
TM4 : Test mode definition input
UART pins
No
Pin Name
ML7125-001
Pin Name
ML7125-002
Status in
reset
I/O
Active
Level
Function
B1
UART_TXD
*1
High output
O2
---
UART TXD output
C1
UART_RXD
*1
input
B2pd
---
UART RXD input
*1: Same as ML7125-001
I2C pins
No
Pin Name
ML7125-001
Pin Name
ML7125-002
Status in
reset
I/O
Active
Level
Function
B2
I2C_SCL
*1
Input
B2
---
I2C_SCL
C2
I2C_SDA
*1
Input
B2
---
I2C_SDA
*1: Same as ML7125-001
GPIO pins
No
Pin Name
ML7125-001
Pin Name
ML7125-002
Status in
reset
I/O
Active
Level
Function
A3
RF_ACTIVE
GPIO0
Low output
B2
---
RF_ACTIVE : Status pin indicates RF access
activity.
GPIO0 : GPIO inout
B3
WAKEUP
GPIO1
Input
B2
---
WAKEUP : Control pin from HOST to wakeup
ML7125-001
GPIO1 : GPIO inout/
A4
IRQ
GPIO2
High output
B2
---
IRQ : Status pin indicates interruption reason taken
place in ML7125-001
GPIO2 : GPIO inout
B4
PS_CONTRO
L
GPIO3
Low output
B2
---
PS_CONTROL : Status pin indicates deep sleep
mode status.
GPIO3 : GPIO inout
Debugger pins
No
Pin Name
ML7125-001
Pin Name
ML7125-002
Status in
reset
I/O
Active
Level
Function
B5
SWD
*1
input
B2
---
SWD data inout
A5
SWCK
*1
input
I
---
SWD clock input
*1: Same as ML7125-001
Miscellaneous pins
No
Pin Name
ML7125-001
Pin Name
ML7125-002
Status in
reset
I/O
Active
Level
Function


Similar Part No. - ML7125-001

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML7105 LAPIS-ML7105 Datasheet
683Kb / 30P
   Bluetooth Low Energy
logo
List of Unclassifed Man...
ML7105-002 ETC2-ML7105-002 Datasheet
476Kb / 30P
   Bluetooth짰Low Energy
More results

Similar Description - ML7125-001

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-NVC-MDCS71-MESH ABRACON-ABBTM-NVC-MDCS71-MESH Datasheet
9Mb / 9P
   Low Power Bluetooth Module (supporting CSRmesh)
06.29.15
logo
Nordic Semiconductor
NRF5340-DK NORDIC-NRF5340-DK Datasheet
973Kb / 2P
   Development kit for the nRF5340, a dual-core Bluetooth 5.2 SoC supporting Bluetooth Low Energy, Bluetooth mesh, NFC, Thread and Zigbee
Version 1.0
logo
List of Unclassifed Man...
WT32 ETC2-WT32 Datasheet
147Kb / 3P
   Bluetooth specification
logo
Silicon Laboratories
BT121 SILABS-BT121 Datasheet
2Mb / 48P
   Bluetooth Smart Ready Module
logo
LAPIS Semiconductor Co....
MK71251-01 LAPIS-MK71251-01 Datasheet
1Mb / 29P
   Bluetooth Smart wireless module
logo
List of Unclassifed Man...
NRF5340 ETC1-NRF5340 Datasheet
362Kb / 2P
   Dual processor SoC supporting Bluetooth 5.1, Bluetooth mesh, NFC, Thread & Zigbee
BT111 ETC2-BT111 Datasheet
1Mb / 54P
   Bluetooth Smart Ready HCI Module
logo
Cypress Semiconductor
BCM20707 CYPRESS-BCM20707 Datasheet
1Mb / 65P
   Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580 Datasheet
96Kb / 4P
   Bluetooth Smart changed to Bluetooth low energy as per Bluetooth SIG directive.
logo
DB Lectro Inc
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
   Bluetooth v2.0 EDR specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com