Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC814ARU-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADUC814ARU-REEL7
Description  MicroConverter, Small Package 12-Bit ADC with Embedded Flash MCU
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC814ARU-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADUC814ARU-REEL7 Datasheet HTML 4Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 5Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 6Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 7Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 8Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 9Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 10Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 11Page - Analog Devices ADUC814ARU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
ADuC814
Rev. A | Page 8 of 72
1Temperature range –40ºC to +125ºC.
2ADC linearity is guaranteed when operating in nonpipelined mode, i.e., ADC conversion followed sequentially by a read of the ADC result. ADC linearity is also
guaranteed during normal MicroConverter core operation.
3ADC LSB size = VREF /212, i.e., for internal VREF = 2.5 V, 1 LSB = 610 µV, and for external VREF = 1 V, 1 LSB = 244 µV.
4Offset and gain error and offset and gain error match are measured after factory calibration.
5Based on external ADC system components the user may need to execute a system calibration to remove additional external channel errors
and achieve these specifications.
6Measured with coherent sampling system using external 16.77 MHz clock via P3.5 (Pin 22).
7SNR calculation includes distortion and noise components.
8Channel-to-channel crosstalk is measured on adjacent channels.
9The temperature monitor gives a measure of the die temperature directly; air temperature can be inferred from this result.
10DAC linearity is calculated using a reduced code range of 48 to 4095, 0 V to VREF range; a reduced code range of 48 to 3950, 0 V to VDD range. DAC output load = 10 kΩ
and 100 pF.
11DAC differential nonlinearity specified on 0 V to VREF and 0 to VDD ranges.
12Measured with VREF and CREF pins decoupled with 0.1 µF capacitors to ground. Power-up time for the internal reference is determined by the value of the decoupling
capacitor chosen for both the VREF and CREF pins.
13When using an external reference device, the internal band gap reference input can be bypassed by setting the ADCCON1.6 bit. In this mode, the VREF and CREF pins
need to be shorted together for correct operation.
14These numbers are not production tested but are guaranteed by design and/or characterization data on production release.
15Pins configured in I2C compatible mode or SPI mode; pins configured as digital inputs during this test.
16These typical specifications assume no loading on the XTAL2 pin. Any additional loading on the XTAL2 pin increases the power-on times.
17Flash/EE memory reliability characteristics apply to both the Flash/EE program memory and the Flash/EE data memory.
18Endurance is qualified to 100 kcycles as per JEDEC Std. 22, Method A117 and measured at –40ºC, +25°C, and +125°C; typical endurance at +25°C is 700 kcycles.
19Retention lifetime equivalent at junction temperature (TJ) = 55°C as per JEDEC Std. 22, Method A117. Retention lifetime based on an activation energy of 0.6 eV
derates with junction temperature as shown in Figure 33 in the Flash/EE memory description section.
20Power supply current consumption is measured in normal, idle, and power-down modes under the following conditions:
Normal Mode: Reset and all digital I/O pins = open circuit, core Clk changed via CD bits in PLLCON, core executing internal software loop.
Idle Mode: Reset and all digital I/O pins = open circuit, core Clk changed via CD bits in PLLCON, PCON.0 = 1, core execution suspended in idle mode.
Power-Down Mode: Reset and all P1.2–P1.7 pins = 0.4 V; all other digital I/O pins are open circuit, Core Clk changed via CD bits in PLLCON, PCON.1 = 1,
Core execution suspended in power-down mode, OSC turned on or off via OSC_PD bit (PLLCON.7) in PLLCON SFR.
21DVDD power supply current increases typically by 3 mA (3 V operation) and 10 mA (5 V operation) during a Flash/EE memory program or erase cycle.


Similar Part No. - ADUC814ARU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814ARU-REEL7 AD-ADUC814ARU-REEL7 Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
More results

Similar Description - ADUC814ARU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC814 AD-ADUC814_02 Datasheet
279Kb / 16P
   MicroConverter, Small Package 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812BSZ AD-ADUC812BSZ Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. F
ADUC812 AD-ADUC812 Datasheet
543Kb / 31P
   MicroConverter?? Multichannel 12-Bit ADC with Embedded FLASH MCU
REV. 0
ADUC812 AD-ADUC812_15 Datasheet
1Mb / 57P
   MicroConverter, Multichannel 12-Bit ADC with Embedded Flash MCU
Rev. F
ADUC814BRUZ AD-ADUC814BRUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC814ARUZ AD-ADUC814ARUZ Datasheet
852Kb / 72P
   MicroConverter짰, Small Package 12-Bit ADC with Embedded Flash MCU
REV. A
ADUC812 AD-ADUC812_03 Datasheet
1Mb / 60P
   MicroConverter짰, Multichannel 12-Bit ADC with Embedded Flash MCU
REV. E
ADUC832 AD-ADUC832 Datasheet
1Mb / 80P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com