Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML620Q133 Datasheet(PDF) 10 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q133
Description  16-bit micro controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q133 Datasheet(HTML) 10 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q133 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML620Q133 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
10/33
PIN LIST
Table 1 Pin List
PAD
No.
(16pin
SSOP)
PAD
No.
(16pin
WQFN)
PAD
No.
(20pin
TSSOP)
Primary function
Secondary function
Tertiary function
Quartic function
Pin name
I/O
Feature
Pin name
I/O
Feature
Pin name
I/O
Feature
Pin name
I/O
Feature
14
12
18
VDD
I/O
Positive
power supply pin
input/output
¾
¾
¾
¾
¾
¾
¾
¾
¾
12
10
16
VDDL
I/O
Power supply pin
for internal logic
(Internal
generation)
¾
¾
¾
¾
¾
¾
¾
¾
¾
13
11
17
Vss
I/O
Negative
power supply pin
input/output
¾
¾
¾
¾
¾
¾
¾
¾
¾
5
3
7
RESET_N
I
Reset input pin
¾
¾
¾
¾
¾
¾
¾
¾
¾
6
4
8
TEST1_N
I
Input pin for
testing
¾
¾
¾
¾
¾
¾
¾
¾
¾
16
13
20
PA0/
LED0/
EXI0/
AIN0/
RXD1
I/O
I/O port/
LED drive
External interrupt
0/
AD input 0/
UART1
reception
PWMC
O
PWMC output
OUTCLK
O
High-spe
ed
clock
output
SDA
I/O
I
2C
data
I/O
9
8
11
PA1/
EXI1/
AIN1/
CMP1P
I/O
I/O port/
External interrupt
1/
AD input 1/
Comparator 1
Non-inverting
input
¾
¾
¾
LSCLK
O
Low-spe
ed
clock
output
SOUT0
O
SSIO
data output
7
6
9
PA2/
EXI2/
TEST0
I
input port/
External interrupt
2/
Input pin for
testing
¾
¾
¾
¾
¾
¾
¾
¾
¾
5
PA3/
AIN6
I/O
I/O port/
AD input 6
¾
¾
¾
SDA
I/O
I
2C
data
I/O
¾
¾
¾
15
PA4/
AIN7
I/O
I/O port/
AD input 7
SIN0
I
SSIO
data input
¾
¾
¾
¾
¾
¾
6
PA5
I/O
I/O port
SCK0
I/O
SSIO
clock I/O
SCL
I/O
I
2C
clock
I/O
¾
¾
¾
14
PA6
I/O
I/O port
SOUT0
O
SSIO
data output
¾
¾
¾
¾
¾
¾
3
1
3
PB0/
EXI4/
AIN2/
RXD0/
DUTI
I/O
I/O port/
External interrupt
4/
AD input 2/
UART0
reception/
DUTY
measurement
PWMC
O
PWMC
output
SCL
I/O
I
2C
clock
I/O
CMP1
OUT
O
CMP1 output
4
2
4
PB1/
EXI5/
AIN3
I/O
I/O port/
External interrupt
5/
AD input 3
TXD1
O
UART1
transmission
TXD0
O
UART0
transmis
sion
CMP0
OUT
O
CMP0 output
1
16
1
PB2
I/O
I/O port
OSC0
I
High-speed
oscillation
¾
¾
¾
CMP0POUT
O
CMP0P output
2
15
2
PB3
I/O
I/O port
OSC1
O
High-speed
oscillation
¾
¾
¾
CMP0NOUT
O
CMP0N output


Similar Part No. - ML620Q133

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q133B LAPIS-ML620Q133B Datasheet
803Kb / 34P
   16-bit micro controller
More results

Similar Description - ML620Q133

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q131B LAPIS-ML620Q131B Datasheet
803Kb / 34P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com