Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML620Q132 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML620Q132
Description  16-bit micro controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML620Q132 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML620Q132 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML620Q132 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
FEDL620Q130-02
ML620Q131/2/3/4/5/6
11/33
PAD
No.
(16pin
SSOP)
PAD
No.
(16pin
WQFN)
PAD
No.
(20pin
TSSOP)
Primary function
Secondary function
Tertiary function
Quartic function
Pin name
I/O
Feature
Pin name
I/O
Feature
Pin name
I/O
Feature
Pin name
I/O
Feature
10
7
12
PB4/
CMP0P
I/O
I/O port/
Comparator 0
Non-inverting
input
TXD1
O
UART1
transmission
TXD0
O
UART0
transmis
sion
SIN0
I
SSIO
data input
11
9
13
PB5/
RXD0/
CMP0M
I/O
I/O port/
UART0
reception/
Comparator 0
Inverting input
OUTCLK
O
High-speed
clock
output
TMJ
OUT
O
Timer J
output
SCK0
I/O
SSIO
clock I/O
8
5
10
PB6/
AIN4/
RXD1
I/O
I/O port/
AD input 4/
UART1
reception
LSCLK
O
Low-speed
clock
output
TMF
OUT
O
Timer F
output
SDA
I/O
I
2C
data
I/O
15
14
19
PB7/
LED1/
AIN5/
DUTI
I/O
I/O port/
LED drive
AD input 5/
DUTY
measurement
TXD1
O
UART1
transmission
SCL
I/O
I
2C
clock
I/O
PWMC
O
PWMC output


Similar Part No. - ML620Q132

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q132B LAPIS-ML620Q132B Datasheet
803Kb / 34P
   16-bit micro controller
More results

Similar Description - ML620Q132

ManufacturerPart #DatasheetDescription
logo
LAPIS Semiconductor Co....
ML620Q151A LAPIS-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
List of Unclassifed Man...
ML620Q151A ETC2-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2700 ROHM-FEDL62Q2700 Datasheet
3Mb / 55P
   16-bit micro controller
Feb 17, 2023
logo
LAPIS Semiconductor Co....
ML620Q151B LAPIS-ML620Q151B Datasheet
825Kb / 36P
   16-bit micro controller
logo
Rohm
FEDL62Q2500 ROHM-FEDL62Q2500 Datasheet
1Mb / 40P
   16-bit micro controller
logo
LAPIS Semiconductor Co....
ML620Q131B LAPIS-ML620Q131B Datasheet
803Kb / 34P
   16-bit micro controller
logo
Rohm
ML620Q151A ROHM-ML620Q151A Datasheet
759Kb / 36P
   16-bit micro controller
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com