Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC832BS Datasheet(PDF) 3 Page - Analog Devices

Part # ADUC832BS
Description  MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC832BS Datasheet(HTML) 3 Page - Analog Devices

  ADUC832BS Datasheet HTML 1Page - Analog Devices ADUC832BS Datasheet HTML 2Page - Analog Devices ADUC832BS Datasheet HTML 3Page - Analog Devices ADUC832BS Datasheet HTML 4Page - Analog Devices ADUC832BS Datasheet HTML 5Page - Analog Devices ADUC832BS Datasheet HTML 6Page - Analog Devices ADUC832BS Datasheet HTML 7Page - Analog Devices ADUC832BS Datasheet HTML 8Page - Analog Devices ADUC832BS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 80 page
background image
REV. 0
–3–
(AVDD = DVDD = 2.7 V to 3.3 V or 4.5 V to 5.5 V; VREF = 2.5 V Internal Reference, FCORE =16.78 MHz;
all specifications TA = TMIN to TMAX, unless otherwise noted.)
Parameter
VDD = 5 V
VDD = 3 V
Unit
Test Conditions/Comments
ADC CHANNEL SPECIFICATIONS
DC ACCURACY
2, 3
fSAMPLE = 147 kHz, see Page 11 for
Typical Performance at other fSAMPLE
Resolution
12
12
Bits
Integral Nonlinearity
±1
±1LSB max
2.5 V Internal Reference
±0.3
±0.3
LSB typ
Differential Nonlinearity
±0.9
±0.9
LSB max
2.5 V Internal Reference
±0.25
±0.25
LSB typ
Integral Nonlinearity
4
±1.5
±1.5
LSB max
1 V External Reference
Differential Nonlinearity
4
+1.5/–0.9
+1.5/–0.9
LSB max
1 V External Reference
Code Distribution
1
1
LSB typ
ADC Input is a DC Voltage
CALIBRATED ENDPOINT ERRORS
5, 6
Offset Error
±4
±4LSB max
Offset Error Match
±1
±1LSB typ
Gain Error
±2
±3LSB max
Gain Error Match
–85
–85
dB typ
DYNAMIC PERFORMANCE
fIN = 10 kHz Sine Wave
fSAMPLE = 147 kHz
Signal-to-Noise Ratio (SNR)
7
71
71
dB typ
Total Harmonic Distortion (THD)
–85
–85
dB typ
Peak Harmonic or Spurious Noise
–85
–85
dB typ
Channel-to-Channel Crosstalk
8
–80
–80
dB typ
ANALOG INPUT
Input Voltage Ranges
0 to VREF
0 to VREF
V
Leakage Current
±1
±1
µA max
Input Capacitance
32
32
pF typ
TEMPERATURE SENSOR
9
Voltage Output at 25
°C
650
650
mV typ
Voltage TC
–2.0
–2.0
mV/
°C typ
Accuracy
±3
±3
°C typ
Internal 2.5 V VREF
±1.5
±1.5
°C typ
External 2.5 V VREF
DAC CHANNEL SPECIFICATIONS
DAC Load to AGND
Internal Buffer Enabled
RL = 10 k
Ω, C
L = 100 pF
DC ACCURACY
10
Resolution
12
12
Bits
Relative Accuracy
±3
±3LSB typ
Differential Nonlinearity
11
–1
–1LSB max
Guaranteed 12-Bit Monotonic
±1/2
±1/2
LSB typ
Offset Error
±50
±50
mV max
VREF Range
Gain Error
±1
±1% max
AVDD Range
±1
±1% typ
VREF Range
Gain Error Mismatch
0.5
0.5
% typ
% of Full-Scale on DAC1
ANALOG OUTPUTS
Voltage Range_0
0 to VREF
0 to VREF
V typ
DAC VREF = 2.5 V
Voltage Range_1
0 to VDD
0 to VDD
V typ
DAC VREF = VDD
Output Impedance
0.5
0.5
Ω typ
DAC AC CHARACTERISTICS
Voltage Output Settling Time
15
15
µs typ
Full-Scale Settling Time to
within 1/2 LSB of Final Value
Digital-to-Analog Glitch Energy
10
10
nV sec typ
1 LSB Change at Major Carry
SPECIFICATIONS1
ADuC832


Similar Part No. - ADUC832BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results

Similar Description - ADUC832BS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC831 AD-ADUC831 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC831 AD-ADUC831_15 Datasheet
1Mb / 76P
   MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842 AD-ADUC842_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC841 AD-ADUC841_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC843 AD-ADUC843_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC836 AD-ADUC836_15 Datasheet
5Mb / 80P
   MicroConverter, Dual 16-Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com