Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9131A Datasheet(PDF) 4 Page - Keysight Technologies

Part # M9131A
Description  General Purpose Switch Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9131A Datasheet(HTML) 4 Page - Keysight Technologies

  M9131A Datasheet HTML 1Page - Keysight Technologies M9131A Datasheet HTML 2Page - Keysight Technologies M9131A Datasheet HTML 3Page - Keysight Technologies M9131A Datasheet HTML 4Page - Keysight Technologies M9131A Datasheet HTML 5Page - Keysight Technologies M9131A Datasheet HTML 6Page - Keysight Technologies M9131A Datasheet HTML 7Page - Keysight Technologies M9131A Datasheet HTML 8Page - Keysight Technologies M9131A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
04 | Keysight | General Purpose Switch Modules - Data Sheet
Specification and characteristic summary
Following is a summary of specifications and characteristics for the Keysight PXI general
purpose switches. More detailed specifications and characteristics for each module are
featured later in this document.
Specifications and Characteristics
General purpose switch specification and characteristic summary
General
purpose
switches
Description
Type
# slots
Channels
Switch
speed
(typical)
Max voltage
(typical)
Current
switch/
carry (typical)
Relay
type
Connectors
M9130A
SPDT switch PXI 1-slot
26 Form C
2.7 msec
250 Vrms1
2 A/2 A
Armature 78 Dsub connector block or cable
M9131A
SPDT switch PXI 1-slot
64 Form C
2 msec
100 Vrms1
0.25 A/1 A
Reed
200 LFH connector block or cable
M9132A
SPST switch
PXI 1-slot
50 Form A
0.35 msec
100 Vrms1
1 A/1 A
Reed
200 LFH connector block or cable
M9133A
SPST switch
PXI 1-slot
100 Form A
0.35 msec
100 Vrms1
1 A/1 A
Reed
200 LFH connector block or cable
M9135A
SPST switch
PXI 1-slot
20 Form A
10 msec
250 Vrms/125
Vdc
5 A/5 A
Armature 20 MSM connector block or cable
1. Not for connection to mains


Similar Part No. - M9131A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9131A KEYSIGHT-M9131A Datasheet
2Mb / 15P
   General Purpose Switch Modules
More results

Similar Description - M9131A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9132A KEYSIGHT-M9132A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
   General Purpose Switch Modules
M9135A KEYSIGHT-M9135A Datasheet
3Mb / 15P
   General Purpose Switch Modules
logo
Omron Electronics LLC
D4A-XN OMRON-D4A-XN Datasheet
952Kb / 24P
   General-purpose Limit Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
logo
TriQuint Semiconductor
CSH210R TRIQUINT-CSH210R Datasheet
323Kb / 7P
   General Purpose SPDT Switch
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
   GENERAL PURPOSE AMPLIFIER AND SWITCH
November 1997
logo
Omron Electronics LLC
V-15-1C25-K OMRON-V-15-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com