Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M9130A Datasheet(PDF) 11 Page - Keysight Technologies

Part # M9130A
Description  General Purpose Switch Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9130A Datasheet(HTML) 11 Page - Keysight Technologies

Back Button M9130A Datasheet HTML 7Page - Keysight Technologies M9130A Datasheet HTML 8Page - Keysight Technologies M9130A Datasheet HTML 9Page - Keysight Technologies M9130A Datasheet HTML 10Page - Keysight Technologies M9130A Datasheet HTML 11Page - Keysight Technologies M9130A Datasheet HTML 12Page - Keysight Technologies M9130A Datasheet HTML 13Page - Keysight Technologies M9130A Datasheet HTML 14Page - Keysight Technologies M9130A Datasheet HTML 15Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11 | Keysight | General Purpose Switch Modules - Data Sheet
System requirements
Topic
Windows 7 and Vista Requirements
Windows XP Requirements
Operating systems
Windows 7 (32-bit and 64-bit)
Windows XP, Service Pack 3
Windows Vista, SP1 and SP2 (32-bit and 64-bit)
Processor speed
1 GHz 32-bit (x86), 1 GHz 64-bit (x64)
600 MHz or higher required
(no support for Itanium 64)
800 MHz recommended
Available memory
4 GB minimum
3 GB minimum
8 GB or greater recommended
Available disk space1
1.5 GB available hard disk space, includes:
– 1 GB available for Microsoft .NET Framework 3.5 SP12
– 100 MB for Keysight IO Libraries Suite
1.5 GB available hard disk space, includes:
– 1 GB available for Microsoft .NET Framework 3.5 SP12
– 100 MB for Keysight IO Libraries Suite
Video
Support for DirectX 9 graphics with 128 MB graphics
memory recommended
(Super VGA graphics is supported)
Super VGA (800 x 600) 256 colors or more
Browser
Microsoft Internet Explorer 7.0 or greater
Microsoft Internet Explorer 6.0 or greater
1. Because of the installation procedure, less memory may required for operation than is required for installation.
2. NET Framework Runtime Components are installed by default with Windows Vista and Windows 7. Therefore, you may not need this amount of available
disk space.
Specifications and Characteristics


Similar Part No. - M9130A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9130A KEYSIGHT-M9130A Datasheet
2Mb / 15P
   General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
   General Purpose Switch Modules
More results

Similar Description - M9130A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
M9131A KEYSIGHT-M9131A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9132A KEYSIGHT-M9132A Datasheet
3Mb / 15P
   General Purpose Switch Modules
M9130A KEYSIGHT-M9130A_17 Datasheet
2Mb / 15P
   General Purpose Switch Modules
M9135A KEYSIGHT-M9135A Datasheet
3Mb / 15P
   General Purpose Switch Modules
logo
Omron Electronics LLC
D4A-XN OMRON-D4A-XN Datasheet
952Kb / 24P
   General-purpose Limit Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
logo
TriQuint Semiconductor
CSH210R TRIQUINT-CSH210R Datasheet
323Kb / 7P
   General Purpose SPDT Switch
logo
STMicroelectronics
2N4033 STMICROELECTRONICS-2N4033 Datasheet
62Kb / 6P
   GENERAL PURPOSE AMPLIFIER AND SWITCH
November 1997
logo
Omron Electronics LLC
V-15-1C25-K OMRON-V-15-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com