Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8324 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8324
Description  14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8324 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS8324 Datasheet HTML 2Page - Texas Instruments ADS8324 Datasheet HTML 3Page - Texas Instruments ADS8324 Datasheet HTML 4Page - Texas Instruments ADS8324 Datasheet HTML 5Page - Texas Instruments ADS8324 Datasheet HTML 6Page - Texas Instruments ADS8324 Datasheet HTML 7Page - Texas Instruments ADS8324 Datasheet HTML 8Page - Texas Instruments ADS8324 Datasheet HTML 9Page - Texas Instruments ADS8324 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADS8324
6
SBAS172A
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VCC = 1.8V, VREF = 0.9V, fSAMPLE = 50kHz, fCLK = 24 • fSAMPLE, unless otherwise specified.
CHANGE IN BIPOLAR OFFSET vs TEMPERATURE
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–50
110
30
50
70
90
–10
–30
10
Temperature (
°C)
CHANGE IN GAIN vs TEMPERATURE
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–50
110
30
50
70
90
–10
–30
10
Temperature (
°C)
CHANGE IN BPZ vs REFERENCE VOLTAGE
10
8
6
4
2
0
–2
–4
–6
–8
–10
0.4
1.1
0.8
0.9
1
0.5
0.6
0.7
Reference Voltage (V)
CHANGE IN GAIN vs REFERENCE VOLTAGE
10
8
6
4
2
0
–2
–4
–6
–8
–10
0.4
1.1
0.8
0.9
1
0.5
0.6
0.7
Reference Voltage (V)
NOISE vs REFERENCE VOLTAGE
10
9
8
7
6
5
4
3
2
1
0
0.4
1.1
0.8
0.9
1
0.5
0.6
0.7
Reference Voltage (V)
MAXIMUM SAMPLING RATE vs SUPPLY VOLTAGE
1000
100
10
1
1.5
4
3
3.5
2
2.5
Supply (V)


Similar Part No. - ADS8324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324 TI1-ADS8324 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E TI1-ADS8324E Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/250 TI1-ADS8324E/250 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/250G4 TI1-ADS8324E/250G4 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324E/2K5 TI1-ADS8324E/2K5 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS8324

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8324 TI1-ADS8324_15 Datasheet
741Kb / 19P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8324 TI1-ADS8324_14 Datasheet
740Kb / 20P
[Old version datasheet]   14-Bit, High Speed, 1.8V MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321 Datasheet
100Kb / 12P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8321 TI1-ADS8321_14 Datasheet
858Kb / 20P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8321 TI1-ADS8321 Datasheet
858Kb / 19P
[Old version datasheet]   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8321 BURR-BROWN-ADS8321_12 Datasheet
604Kb / 18P
   16-Bit, High Speed, MicroPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7822 TI-ADS7822 Datasheet
431Kb / 20P
[Old version datasheet]   12-Bit, High-Speed, 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com