Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5204 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5204
Description  DUAL 10 BIT 40MSPS LOW POWER ANALOG TO DIGITAL CONVERTER WITH PGA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5204 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5204 Datasheet HTML 1Page - Texas Instruments ADS5204 Datasheet HTML 2Page - Texas Instruments ADS5204 Datasheet HTML 3Page - Texas Instruments ADS5204 Datasheet HTML 4Page - Texas Instruments ADS5204 Datasheet HTML 5Page - Texas Instruments ADS5204 Datasheet HTML 6Page - Texas Instruments ADS5204 Datasheet HTML 7Page - Texas Instruments ADS5204 Datasheet HTML 8Page - Texas Instruments ADS5204 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ADS5204
SBAS268A – JUNE 2002 – REVISED JULY 2002
www.ti.com
4
DYNAMIC PERFORMANCE(1)
TA = TMIN to TMAX, AVDD = DVDD = DRVDD = 3.3V, fIN = –1dBFS, Internal Reference, fCLK = 80MHz, fS = 40MSPS, Differential Input Range =
2Vp–p, and PGA Gain = 0dB, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Effective Number of Bits
ENOB
fIN = 3.5MHz
9.7
Bits
fIN = 10.5MHz
9.3
9.7
Bits
fIN = 20MHz
9.6
Bits
Total Harmonic Distortion
THD
fIN = 3.5MHz
–71
dB
fIN = 10.5MHz
–71
–66
dB
fIN = 20MHz
–68
dB
Signal-to-Noise Ratio
SNR
fIN = 3.5MHz
60.5
dB
g
fIN = 10.5MHz
60.5
dB
fIN = 20MHz
60
dB
Signal-to-Noise Ratio + Distortion
SINAD
fIN = 3.5MHz
60
dB
g
fIN = 10.5MHz
57
60
dB
fIN = 20MHz
60
dB
Spurious-Free Dynamic Range
SFDR
fIN = 3.5MHz
75
dB
yg
fIN = 10.5MHz
69
73
dB
fIN = 20MHz
70.5
dB
Analog Input Bandwidth
See Note (2)
300
MHz
2-Tone Intermodulation Distortion
IMD
f1 = 9.5MHz, f2 = 9.9MHz
–68
dBc
A/B Channel Crosstalk
–75
dBc
A/B Channel Offset Mismatch
0.016
1.75
% of FS
A/B Channel Full-Scale Error Mismatch
0.025
1.0
% of FS
(1) These specifications refer to a 25
Ω series resistor and 15pF differential capacitor between A/B+ and A/B– inputs; any source impedance will
bring the bandwidth down.
(2) Analog input bandwidth is defined as the frequency at which the sampled input signal is 3dB down on unity gain and is limited by the input switch
impedance.
PGA SPECIFICATIONS
PARAMETER
MIN
TYP
MAX
UNIT
Gain Range
0 to 18
dB
Gain Step Size(1)
0.5826
dB
Gain Error(2)
–0.15
±0.025
+0.15
dB
Control Bits Per Channel
5
Bits
(1) Refer to Table 2, PGA Gain Code. Ideal step size: 18.0618dB/31 = 0.5826dB
(2) Deviation from ideal. Refer to Table 2, all gain settings.


Similar Part No. - ADS5204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
ADS5204IPFBRG4Q1 TI1-ADS5204IPFBRG4Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
ADS5204IPFBRQ1 TI1-ADS5204IPFBRQ1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
More results

Similar Description - ADS5204

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5203 TI-ADS5203 Datasheet
476Kb / 15P
[Old version datasheet]   DUAL 10-BIT 40MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
[Old version datasheet]   DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5203 TI1-ADS5203_15 Datasheet
886Kb / 18P
[Old version datasheet]   Dual 10-Bit 40MPS Low-power ANALOG-TO-DIGITAL CONVERTER
THS1041 TI-THS1041 Datasheet
509Kb / 37P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
THS1041 TI1-THS1041_15 Datasheet
960Kb / 42P
[Old version datasheet]   10-Bit, 40-MSPS ANALOG-TO-DIGITAL CONVERTER WITH PGA AND CLAMP
ADS5120 TI-ADS5120 Datasheet
325Kb / 18P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
ADS5121 TI1-ADS5121_13 Datasheet
494Kb / 21P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS, 1.8V CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com