Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81195A Datasheet(PDF) 2 Page - Keysight Technologies

Part # 81195A
Description  Optical Modulation Generator Software
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

81195A Datasheet(HTML) 2 Page - Keysight Technologies

  81195A Datasheet HTML 1Page - Keysight Technologies 81195A Datasheet HTML 2Page - Keysight Technologies 81195A Datasheet HTML 3Page - Keysight Technologies 81195A Datasheet HTML 4Page - Keysight Technologies 81195A Datasheet HTML 5Page - Keysight Technologies 81195A Datasheet HTML 6Page - Keysight Technologies 81195A Datasheet HTML 7Page - Keysight Technologies 81195A Datasheet HTML 8Page - Keysight Technologies 81195A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
02 | Keysight | 81195A Optical Modulation Generator Software - Data Sheet
Product Description
The latest developments in 200G, 400G and 1Tb coherent optical transmission systems
are challenging test engineers. More and more flexibility is required to generate clean
modulated signals as well as signal impairments to stress coherent receivers over
multiple test scenarios.
The 81195A optical modulation generator software introduces an innovative soft-
ware-defined test approach. Combined with the new M8195A 65 GSa/s arbitrary
waveform generator hardware Digital Signal Processor functions it improves up to 100x
the speed of test, the cost and the predictability of the output.
It enables generation of dual-polarization complex modulated signals as well as elec-
tronic synthesis of optical signal impairments such as phase noise, polarization rotation,
and polarization mode dispersion (PMD), both in real time or in a traditional waveform
generation mode.
In traditional fiber transmission and optical receiver testing, which uses optical elements
for stress conditioning, the stress conditions can only be changed in a stochastic way
resulting in long test times.
In contrast, this new test approach allows you to generate and reproduce dynamic stress
conditions with precise time evolution or stress statistics, increasing test coverage and
reducing test time. The 81195A software in conjunction with a four-channel Keysight
Technologies M8195A or M8196A arbitrary waveform generator can generate clean
and distorted signals.
With the digital signal processing (DSP) block of the M8195A, the parameters of the
waveform (e.g. the pulse-shaping filter coefficients) and the impairments can be adjusted
at run time without downloading a new waveform. The real-time waveform generation
enables deterministic emulation of optical signal properties over a long period of time,
which previously has not been possible.
Key Features
– Waveform calculation for dual-polarization, complex modulated signals (up to
256QAM)
– Supporting hardware DSP in M8195A for real-time waveform generation
– Off-line waveform generation for M8196A and multi-module M8195A AWGs setups
– Effective use of the available M8195A module memory in real-time waveform generation
mode for complex modulated signals (up to 8 GSym per channel on two IQ channels
simultaneously at up to 32.5 GBaud)
– Realistic emulation of optical signal properties and impairments, including phase noise,
polarization mode dispersion, and polarization rotation over a long period of time
– Change signal properties, ‘on-the-fly’ without needing to re-calculate the entire
waveform (saves valuable time during debug and characterization)
– Output triggers synchronized with impairment generation
– Corresponding analysis capabilities in the Keysight Technologies N4391A/N4392A
optical modulation analyzer


Similar Part No. - 81195A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8119587 FESTO-8119587 Datasheet
85Kb / 2P
   Pilot valve
11/18/21
More results

Similar Description - 81195A

ManufacturerPart #DatasheetDescription
logo
YAMAHA CORPORATION
YMZ284 YAMAHA-YMZ284 Datasheet
1Mb / 13P
   Software-controlled Sound Generator (SSGL)
logo
List of Unclassifed Man...
MA818 ETC1-MA818 Datasheet
374Kb / 16P
   THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
Zarlink Semiconductor I...
MA838 ZARLINK-MA838 Datasheet
314Kb / 13P
   SINGLE PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
List of Unclassifed Man...
MA828 ETC1-MA828 Datasheet
367Kb / 16P
   THREE-PHASE PULSE WIDTH MODULATION WAVEFORM GENERATOR
logo
TEKTRONIX, INC.
DATAVU-PC TEKTRONIX-DATAVU-PC Datasheet
679Kb / 8P
   Software
logo
Silicon Laboratories
SI1144-AAGX-GMR SILABS-SI1144-AAGX-GMR Datasheet
817Kb / 3P
   Optical Heart Rate Sensor Module with I2C Interface and HR Measurement Software
Rev. 0.9
logo
ASM GmbH
9335 ASM-SENSOR-9335 Datasheet
929Kb / 4P
   KURVENANALYSE-SOFTWARE
logo
ADL Embedded Solutions
ADLSSTV2.0 ADL-ADLSSTV2.0 Datasheet
461Kb / 1P
   Software Utility
logo
Pepperl+Fuchs Inc.
VAZ-SW-DIAGNOSTIC PF-VAZ-SW-DIAGNOSTIC Datasheet
98Kb / 1P
   Configuration software
VAZ-SW-SUITE PF-VAZ-SW-SUITE Datasheet
98Kb / 1P
   Configuration software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com