Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

81199A Datasheet(PDF) 2 Page - Keysight Technologies

Part # 81199A
Description  Wideband Waveform Center
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

81199A Datasheet(HTML) 2 Page - Keysight Technologies

  81199A Datasheet HTML 1Page - Keysight Technologies 81199A Datasheet HTML 2Page - Keysight Technologies 81199A Datasheet HTML 3Page - Keysight Technologies 81199A Datasheet HTML 4Page - Keysight Technologies 81199A Datasheet HTML 5Page - Keysight Technologies 81199A Datasheet HTML 6Page - Keysight Technologies 81199A Datasheet HTML 7Page - Keysight Technologies 81199A Datasheet HTML 8Page - Keysight Technologies 81199A Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Overview
The trend continues: Increasingly convenient wireless access is driving de-
mand for more data in less time. As transmission rates climb, it puts additional
strain on components, infrastructure, frequency spectrum and developers.
The demand for wideband data is also inspiring the creation of new standards
that utilize increasingly complex modulation schemes to transmit more data
through the available spectrum.
To help you keep pace with higher frequencies, wider bandwidths and new
standards, Keysight Technologies, Inc. has created the 81199A Wireless
Waveform Center software. Key elements include the Wideband Waveform
Creator signal-generation application and the Wideband Waveform Analyzer
application. Both support emerging wideband modulation formats such as
Wireless HD and IEEE 802.11ad.


Similar Part No. - 81199A

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8119-632-A RAF-8119-632-A Datasheet
97Kb / 1P
   ROUND INTERNAL THREAD HANDLE
logo
Bourns Electronic Solut...
8119-RC BOURNS-8119-RC Datasheet
103Kb / 1P
   Common Mode Inductors (with Optional Header) Dielectric strength: 1500 Vrms
logo
Festo Corporation.
8119111 FESTO-8119111 Datasheet
99Kb / 2P
   Parallel gripper
1/21/22
8119112 FESTO-8119112 Datasheet
101Kb / 2P
   Parallel gripper
1/21/22
8119113 FESTO-8119113 Datasheet
99Kb / 2P
   Parallel gripper
1/21/22
More results

Similar Description - 81199A

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
33509B KEYSIGHT-33509B Datasheet
6Mb / 23P
   Waveform Generators
33510B KEYSIGHT-33510B Datasheet
6Mb / 23P
   Waveform Generators
33511B KEYSIGHT-33511B Datasheet
6Mb / 23P
   Waveform Generators
33519B KEYSIGHT-33519B Datasheet
6Mb / 23P
   Waveform Generators
33522B KEYSIGHT-33522B Datasheet
6Mb / 23P
   Waveform Generators
33521B KEYSIGHT-33521B Datasheet
6Mb / 23P
   Waveform Generators
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Agilent(Hewlett-Packard...
86108A HP-86108A Datasheet
297Kb / 2P
   Waveform Analyzer
logo
Keysight Technologies
33512B KEYSIGHT-33512B Datasheet
6Mb / 23P
   Waveform Generators
33520B KEYSIGHT-33520B Datasheet
6Mb / 23P
   Waveform Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com