Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADE3300 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ADE3300
Description  LCD Display Engines with Integrated DVI, ADC and YUV Ports
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADE3300 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ADE3300 Datasheet HTML 6Page - STMicroelectronics ADE3300 Datasheet HTML 7Page - STMicroelectronics ADE3300 Datasheet HTML 8Page - STMicroelectronics ADE3300 Datasheet HTML 9Page - STMicroelectronics ADE3300 Datasheet HTML 10Page - STMicroelectronics ADE3300 Datasheet HTML 11Page - STMicroelectronics ADE3300 Datasheet HTML 12Page - STMicroelectronics ADE3300 Datasheet HTML 13Page - STMicroelectronics ADE3300 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 88 page
background image
Pin Description
ADE3XXX
10/88
123
DVDD18
Power
Digital 1.8V VDD
124
DGND
Power
Digital Ground
125
DVDD33
Power
Digital 3.3V VDD
126
ORA7
Output
Output Port A: Red Data 7
127
ORA6
Output
Output Port A: Red Data 6
128
ORA5
Output
Output Port A: Red Data 5
129
ORA4
Output
Output Port A: Red Data 4
130
ORA3
Output
Output Port A: Red Data 3
131
ORA2
Output
Output Port A: Red Data 2
132
ORA1
Output
Output Port A: Red Data 1
133
ORA0
Output
Output Port A: Red Data 0
134
DVDD33
Power
Digital 3.3V VDD
135
DGND
Power
Digital Ground
136
ODE
Output
Output Data Enable
137
OHS
Output
Output Horizontal Sync
138
OCLK
Output
Output Clock
139
OVS
Output
Output Vertical Sync
140
DVDD18
Power
Digital 1.8V VDD
141
DGND
Power
Digital Ground
142
DVDD18
Power
Digital 1.8V VDD
143
DGND
Power
Digital Ground
144
OBB7
Output
Output Port B: Blue Data 7
145
OBB6
Output
Output Port B: Blue Data 6
146
OBB5
Output
Output Port B: Blue Data 5
147
OBB4
Output
Output Port B: Blue Data 4
148
DVDD33
Power
Digital 3.3V VDD
149
DGND
Power
Digital Ground
150
OBB3
Output
Output Port B: Blue Data 3
151
OBB2
Output
Output Port B: Blue Data 2
152
OBB1
Output
Output Port B: Blue Data 1
153
OBB0
Output
Output Port B: Blue Data 0
154
OGB7
Output
Output Port B: Green Data 7
155
OGB6
Output
Output Port B: Green Data 6
156
OGB5
Output
Output Port B: Green Data 5
157
OGB4
Output
Output Port B: Green Data 4
158
DVDD33
Power
Digital 3.3V VDD
159
DGND
Power
Digital Ground
160
OGB3
Output
Output Port B: Green Data 3
161
OGB2
Output
Output Port B: Green Data 2
Table 2: Pin Description (Sheet 5 of 7)
Pin #
Name
Type
Description


Similar Part No. - ADE3300

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
ADE303 PANASONIC-ADE303 Datasheet
76Kb / 4P
   Compliant with European standards 1a1b 10A/8A polarized power relays
ADE304 PANASONIC-ADE304 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
More results

Similar Description - ADE3300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES51977 ETC1-ES51977 Datasheet
264Kb / 21P
   Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
logo
Axiomtek Co., Ltd.
SBC82820 AXIOMTEK-SBC82820 Datasheet
154Kb / 1P
   DVI-I for VGA and DVI-D display output
logo
SINOWEALTH Electronic L...
SH79F3252 SINOWEALTH-SH79F3252 Datasheet
1Mb / 112P
   Enhanced 8051 Microcontroller with 10bit ADC and LCD
V2.0
logo
List of Unclassifed Man...
S9255 ETC-S9255 Datasheet
172Kb / 3P
   DVI INTERFACE WITH TCON DISPLAY PROCESSOR
logo
Advantech Co., Ltd.
FPM-7181W ADVANTECH-FPM-7181W_15 Datasheet
382Kb / 2P
   18.5" WXGA Industrial Monitor with PCT Touch, Direct-VGA and DVI Ports
FPM-3171S ADVANTECH-FPM-3171S_15 Datasheet
331Kb / 2P
   17"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191S ADVANTECH-FPM-3191S_15 Datasheet
327Kb / 2P
   19"SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3171G ADVANTECH-FPM-3171G Datasheet
666Kb / 2P
   17 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-3191G ADVANTECH-FPM-3191G Datasheet
730Kb / 2P
   19 SXGA Industrial Monitor with Resistive Touchscreen, Direct-VGA and DVI Ports
FPM-5151G ADVANTECH-FPM-5151G Datasheet
505Kb / 2P
   15" XGA Industrial Monitor with Resistive Touchscreen, Direct-VGA, and DVI Ports
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com