Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12040CIVYX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC12040CIVYX
Description  12-Bit, 40 MSPS, 340 mW A/D Converter with Internal Sample-and-Hold
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12040CIVYX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC12040CIVYX Datasheet HTML 1Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 2Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 3Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 4Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 5Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 6Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 7Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 8Page - National Semiconductor (TI) ADC12040CIVYX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pin Descriptions and Equivalent Circuits
Pin No.
Symbol
Equivalent Circuit
Description
ANALOG I/O
2V
IN+
Non-Inverting analog signal Input. With a 2.0V reference
voltage, the differential input signal level is 2.0 V
P-P centered
on V
CM.
3V
IN−
Inverting analog signal Input. With a 2.0V reference voltage
the input signal level is 2.0 V
P-P centered on VCM. This pin
may be connected to V
CM for single-ended operation, but a
differential input signal is required for best performance.
1V
REF
Reference input. This pin should be bypassed to AGND with
a 0.1 µF monolithic capacitor. V
REF is 2.0V nominal and
should be between 1.0V to 2.2V.
31
V
RP
These pins are high impedance reference bypass pins only.
Connect a 0.1 µF capacitor from each of these pins to AGND.
DO NOT connect anything else to these pins.
32
V
RM
30
V
RN
DIGITAL I/O
10
CLK
Digital clock input. The range of frequencies for this input is
100 kHz to 50 MHz (typical) with guaranteed performance at
40 MHz. The input is sampled on the rising edge of this input.
11
OE
OE is the output enable pin that, when low, enables the
TRI-STATEdata output pins. When this pin is high, the
outputs are in a high impedance state.
8PD
PD is the Power Down input pin. When high, this input puts
the converter into the power down mode. When this pin is
low, the converter is in the active mode.
www.national.com
3


Similar Part No. - ADC12040CIVYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12040CIVYX NSC-ADC12040CIVYX Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12040CIVYX TI1-ADC12040CIVYX Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12040CIVYX/NOPB TI1-ADC12040CIVYX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
More results

Similar Description - ADC12040CIVYX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12010 NSC-ADC12010 Datasheet
606Kb / 22P
   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040 Datasheet
1Mb / 29P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12040 NSC-ADC12040_06 Datasheet
884Kb / 19P
   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
ADC12L063 NSC-ADC12L063 Datasheet
581Kb / 22P
   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12L063 TI1-ADC12L063_14 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 62 MSPS, 354 mW A/D Converter with Internal Sample-and-Hold
ADC12010 TI1-ADC12010_17 Datasheet
1Mb / 31P
[Old version datasheet]   12-Bit, 10 MSPS, 160 mW A/D Converter with Internal Sample-and-Hold
ADC12040 TI1-ADC12040_14 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 40 MSPS, 340mW A/D Converter with Internal Sample-and-Hold
logo
National Semiconductor ...
ADC12020 NSC-ADC12020 Datasheet
621Kb / 23P
   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
logo
Texas Instruments
ADC12020 TI1-ADC12020_18 Datasheet
1Mb / 30P
[Old version datasheet]   12-Bit, 20 MSPS, 185 mW A/D Converter with Internal Sample-and-Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com