Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSQ2222A-R30_ Datasheet(PDF) 3 Page - Frontier Electronics.

Part # LSQ2222A-R30_
Description  SMD SQUARE AIR WOUND COIL SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ2222A-R30_ Datasheet(HTML) 3 Page - Frontier Electronics.

  LSQ2222A-R30_ Datasheet HTML 1Page - Frontier Electronics. LSQ2222A-R30_ Datasheet HTML 2Page - Frontier Electronics. LSQ2222A-R30_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LSQ2222A Series – SMD SQUARE AIR WOUND COIL SPECIFICATION Rev. A
Frontier Electronics Corp.
®
Page 3 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
PACKAGING INFORMATION:
Series
Reel dimensions (mm)
Tape dimensions (mm)
Parts per reel
Quantity per
A
B
C
D
E
W
P
P0
P1
h
t
7”
13”
Box
Carton
LSQ2222A
330
100
13
22.4
16.5
16
12
4
2
6.10
0.40
750
750
6,000
RoHS REFLOW SOLDERING PROFILE:


Similar Part No. - LSQ2222A-R30_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R33_ FRONTIER-LSQ2929A-R33_ Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R36_ FRONTIER-LSQ2929A-R36_ Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R39_ FRONTIER-LSQ2929A-R39_ Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A-R43_ FRONTIER-LSQ2929A-R43_ Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ2222A-R30_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1111A FRONTIER-LSQ1111A Datasheet
599Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A FRONTIER-LSQ1515A Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
   SMD Square Air Wound Coil Inductors
logo
Frontier Electronics.
295A FRONTIER-295A Datasheet
454Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com