Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSQ1111A-36N_ Datasheet(PDF) 1 Page - Frontier Electronics.

Part # LSQ1111A-36N_
Description  SMD SQUARE AIR WOUND COIL SPECIFICATION
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

LSQ1111A-36N_ Datasheet(HTML) 1 Page - Frontier Electronics.

  LSQ1111A-36N_ Datasheet HTML 1Page - Frontier Electronics. LSQ1111A-36N_ Datasheet HTML 2Page - Frontier Electronics. LSQ1111A-36N_ Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LSQ1111A Series – SMD SQUARE AIR WOUND COIL SPECIFICATION Rev. A
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989
ELECTRICAL SPECIFICATIONS
:
P/N
Turns
L (nH)
Tolerance
Q (min)
Test Freq (MHz) DCR (m) SRF (GHz)
IRMS (A)
LSQ1111A-27N_
5
27
J, G
200
400
8.1
2.6
5.5
LSQ1111A-30N_
5
30
J, G
200
400
8.3
2.4
5.5
LSQ1111A-33N_
6
33
J, G
200
400
9.5
2.3
4.8
LSQ1111A-36N_
6
36
J, G
200
400
9.8
2.3
4.8
LSQ1111A-39N_
6
39
J, G
200
400
10.0
2.2
4.8
LSQ1111A-43N_
7
43
J, G
200
400
10.8
2.2
4.4
LSQ1111A-47N_
7
47
J, G
200
400
11.3
2.2
4.4
DIMENSIONS: mm (inch)
P/N
a
b
c
d
e
f
LSQ1111A-27N_
2.67
(0.105)
2.67
(0.105)
2.79
(0.110)
2.29
(0.090)
3.05
(0.120)
1.02
(0.040)
LSQ1111A-30N_
2.67
(0.105)
2.67
(0.105)
2.79
(0.110)
2.29
(0.090)
3.05
(0.120)
1.02
(0.040)
LSQ1111A-33N_
2.92
(0.115)
2.67
(0.105)
2.79
(0.110)
2.54
(0.100)
3.05
(0.120)
1.02
(0.040)
LSQ1111A-36N_
2.92
(0.115)
2.67
(0.105)
2.79
(0.110)
2.54
(0.100)
3.05
(0.120)
1.02
(0.040)
LSQ1111A-39N_
2.92
(0.115)
2.67
(0.105)
2.79
(0.110)
2.54
(0.100)
3.05
(0.120)
1.02
(0.040)
LSQ1111A-43N_
3.30
(0.130)
2.67
(0.105)
2.79
(0.110)
2.79
(0.110)
3.05
(0.120)
1.02
(0.040)
LSQ1111A-47N_
3.30
(0.130)
2.67
(0.105)
2.79
(0.110)
2.79
(0.110)
3.05
(0.120)
1.02
(0.040)
(Tol.)
±0.254
(±0.010)
±0.127
(±0.005)
±0.127
(±0.005)
Typ.
Typ.
Typ.
GENERAL INFORMATION:
LSQ1111A-xxx, “LSQ1111A” = P/N, “xxx” = Inductance “_” = Tolerance (G= ±2%, J= ± 5%)
Operating temperature: -40C to +125ºC, Storage temp. : -40ºC to +85ºC
Maximum Temperature Rise: 15ºC (measured at 25ºC ambient)
Inductance & Q measured with HP4291B Impedance Analyzer with HP16193 test fixture
SRF measured using HP8753E Network Analyzer or equivalent
DCR measured using Chroma 16502 or equivalent
MSL: Level 1
High SRF and High-Q Square Surface Mount Air Coils
Inductance: 27 ~ 47 nH
Current: 4.4 ~ 5.5 Amps


Similar Part No. - LSQ1111A-36N_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ1515A FRONTIER-LSQ1515A Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A-47N_ FRONTIER-LSQ1515A-47N_ Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A-68N_ FRONTIER-LSQ1515A-68N_ Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A-82N_ FRONTIER-LSQ1515A-82N_ Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ1111A-36N_

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2222A FRONTIER-LSQ2222A Datasheet
422Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ1515A FRONTIER-LSQ1515A Datasheet
479Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ2929A FRONTIER-LSQ2929A Datasheet
412Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
logo
WALSIN TECHNOLOGY CORPO...
WLQC2222 WALSIN-WLQC2222 Datasheet
262Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC1111 WALSIN-WLQC1111 Datasheet
258Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC1515 WALSIN-WLQC1515 Datasheet
255Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC2929 WALSIN-WLQC2929 Datasheet
254Kb / 7P
   SMD Square Air Wound Coil Inductors
WLQC WALSIN-WLQC Datasheet
280Kb / 9P
   SMD Square Air Wound Coil Inductors
logo
Frontier Electronics.
295A FRONTIER-295A Datasheet
454Kb / 3P
   SMD AIR WOUND COIL SPECIFICATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com