Electronic Components Datasheet Search |
|
LCL500PS15 Datasheet(PDF) 1 Page - XP Power Limited |
|
LCL500PS15 Datasheet(HTML) 1 Page - XP Power Limited |
1 / 4 page Specification 150 500 Watts • Single Output Industrial Supplies • High Efficiency • Low Cost • 150 W Convection Cooled • 300 W & 500 W with Internal Fans • Outputs from 12 V to 48 V • 3 Year Warranty LCL Series Input Input Voltage • 85-264 VAC (127-370 VDC) (see note 1) Input Frequency • 47-63 Hz Input Current • 2.1 A max for LCL150, 4.5 A max for LCL300, 6.6 A max for LCL500 Inrush Current • 40 A max for LCL150, 60 A max for LCL300 & 500 cold start at 25 °C, 230 VAC Power Factor • >0.9 Earth Leakage Current • <2 mA at 264 VAC, 60 Hz Input Protection • LCL150: T3.15 A/250 V, LCL300: T6.3A/250 V, LCL500: T10A/250 V, internal fuse fitted in line Output Output Voltage • See tables Output Voltage Trim • See tables Initial Set Accuracy • ±100 mV at 50% load Minimum Load • None required Start Up Delay • 2 s max for LCL150, 1.5 s max for LCL300, 0.8 s max for LCL500 Start Up Rise Time • 50 ms max for LCL150, 35 ms max for LCL300 & LCL500 Hold Up Time • 10 ms min at 115 VAC and full load Line Regulation • ±0.5% max for LCL150, ±0.3% for LCL300 & LCL500 Load Regulation • ±1% max Transient Response • 4% max deviation recovery to within 1% in 500 µs for a 50% load change Ripple & Noise • See tables Overvoltage Protection • 110-140%, recycle input to reset Overtemperature • Output turns off when OTP triggered, Protection measured internally, auto recovery Overload Protection • 110-150% of rated output power. Delayed by 1 s min to allow for peak loads. Short Circuit Protection • Trip and restart (hiccup mode), auto recovery Remote Sense • Fitted to LCL500 only, compensates for 0.25 V max each line Remote On/Off • Fitted on LCL500 only, On = logic low or open circuit, Off = logic high xppower.com General Efficiency • 88% typical at full load & 230 VAC Isolation • 3000 VAC Input to Output 1500 VAC Input to Ground 500 VAC Output to Ground Switching Frequency • 90-110 kHz main converter & 45-190 kHz PFC for LCL150, 80-190 kHz main converter & 62-65 kHz PFC for LCL300 & 500 Power Density • 2.7 W/in3 LCL150, 4.4 W/in3 LCL300, 4.9 W/in3 LCL500 MTBF • LCL150: >489 kHrs, LCL300: >235 kHrs, LCL500: >211 kHrs to MIL-HBK-217F at 25 °C, GB Environmental Operating Temperature • -10 °C to +70 °C, derate from 100% load at 50 °C to 50% load at 70 °C Cooling • LCL150 convection cooled, LCL300 & LCL500 have internal fans Operating Humidity • 5% to 90% non condensing Storage Temperature • -40 °C to +85 °C Operating Altitude • 3000 m Vibration • 10-500 Hz, 2 g, 10 mins per cycle on 3 axes EMC & Safety Emissions • EN55022 level B conducted, level A radiated Harmonic Currents • EN61000-3-2 class A LCL150: EN61000-3-2 class C for loads ≥40% LCL300 & LCL500: EN61000-3-2 class C for loads ≥20% Voltage Flicker • EN61000-3-3 ESD Immunity • EN61000-4-2, ±4 kV contact, ±8 kV air discharge, Performance Criteria A Radiated Immunity • EN61000-4-3, level 2 Perf Criteria A EFT/Burst • EN61000-4-4, level 2 Perf Criteria A Surge • EN61000-4-5, installation class 3, Perf Criteria A Conducted Immunity • EN61000-4-6, level 2 Perf Criteria A Magnetic Field • EN61000-4-8, 1 A/m Perf Criteria A Dips & Interruptions • EN61000-4-11, 30% 10 ms, 60% 100 ms, 100% 5000 ms, Perf Criteria A, B, B Safety Approvals • EN60950-1, UL60950-1, CSA60950 No 22.2 |
Similar Part No. - LCL500PS15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |