Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPS22 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPS22
Description  Total Power: 25 - 40 Watts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS22 Datasheet(HTML) 3 Page - Artesyn Technologies

  LPS22 Datasheet HTML 1Page - Artesyn Technologies LPS22 Datasheet HTML 2Page - Artesyn Technologies LPS22 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LPS25 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade names,
trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded Technologies, Inc.
All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPS25 Series-DS 18Mar2016
Mechanical Drawing
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
1.14"
(29)
0.197"
(5)
4.55"
(115.6)
5.00"
(127)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
1
3
N
L
M1
M2
_ +
Remote Sense
Connector
SK201
Voltage
Adj. Pot
Pin Assignments
Connector LPS22
LPS23
LPS24
LPS25
SK1-1
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
SK2-1
+5 V
+12 V
+15V
+24V
SK2-2
+5 V
+12 V
+15V
+24V
SK2-3
+5 V
+12 V
+15V
+24V
SK2-4
Common Common Common Common
SK2-5
Common Common Common Common
SK2-6
Common Common Common Common
SK201-1
+Sense
+Sense
+Sense
+Sense
SK201-2
-Sense
-Sense
-Sense
-Sense
Mating Connectors
AC Input
Molex 09-50-8031 (USA)
09-93-0300 (UK)
PINS: 08-52-0113
DC Outputs
Molex 09-50-8061 (USA)
09-93-0600(UK)
PINS: 08-52-0113
Remote Sense
Molex 22-01-2025
PINS: 08-52-0123
Astec Connector Kit #70-841-006, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm)
3. Mounting holes M1 and M2 should be grounded for EMI purposes.
4. Mounting hole M1 is safety ground connection.
5. Specifications are for convection rating at factory settings at 115 VAC input,
25°C unless otherwise stated.
6. Warranty: 2 year
7. Weight: 0.5lbs/0.23kg


Similar Part No. - LPS22

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPS22 ASTEC-LPS22 Datasheet
77Kb / 3P
   25 Watts
logo
Emerson Network Power
LPS22 EMERSON-NETWORKPOWER-LPS22 Datasheet
99Kb / 3P
   Universal input
logo
Astec America, Inc
LPS22-T ASTEC-LPS22-T Datasheet
77Kb / 3P
   25 Watts
logo
Emerson Network Power
LPS22-T EMERSON-NETWORKPOWER-LPS22-T Datasheet
99Kb / 3P
   Universal input
logo
STMicroelectronics
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
More results

Similar Description - LPS22

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
LPT22 ARTESYN-LPT22 Datasheet
1Mb / 4P
   Total Power: 25 - 40 Watts
AEE08F18-L ARTESYN-AEE08F18-L Datasheet
1Mb / 3P
   Total Power: 40 Watts
LPS41 ARTESYN-LPS41 Datasheet
589Kb / 3P
   Total Power: 40 - 55 Watts
NPS42-M ARTESYN-NPS42-M Datasheet
644Kb / 3P
   Total Power: 40 - 60 Watts
AIF12W300 ARTESYN-AIF12W300 Datasheet
592Kb / 3P
   Total Power: 600 Watts
AGF800-48S48P-6L ARTESYN-AGF800-48S48P-6L Datasheet
611Kb / 3P
   Total Power: 800 Watts
AVQ300-48S12-6L ARTESYN-AVQ300-48S12-6L Datasheet
545Kb / 3P
   Total Power: 300 Watts
AVO100-48S1V2-6L ARTESYN-AVO100-48S1V2-6L Datasheet
548Kb / 3P
   Total Power: 100 Watts
APC18T12-9L ARTESYN-APC18T12-9L Datasheet
447Kb / 2P
   Total Power: 75 Watts
AIQ02R300-L ARTESYN-AIQ02R300-L Datasheet
829Kb / 2P
   Total Power: 65 Watts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com