Electronic Components Datasheet Search |
|
SBR3045CTBQ-13 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
SBR3045CTBQ-13 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 5 page SBR3045CTBQ Document number: DS38528 Rev.1 - 2 1 of 5 www.diodes.com January 2016 © Diodes Incorporated SBR3045CTBQ 30A SBR SUPER BARRIER RECTIFIER Product Summary VR (V) IO (A) VF Max (V) @ +25°C IR Max (mA) @ +25°C 45 15 (Per lag) 30 (Total) 0.7 0.5 Applications Flywheel Diodes Blocking Diodes AC-DC DC-DC Features and Benefits Low Forward Voltage Drop Excellent High Temperature Stability Patented Super Barrier Rectifier SBR ® Technology Soft, Fast Switching Capability +150°C Operating Junction Temperature Lead-Free Finish; RoHS Compliant (Notes 1 & 2) Halogen and Antimony Free. “Green” Device (Note 3) Qualified to AEC-Q101 Standards for High Reliability PPAP Capable (Note 4) Mechanical Data Case: TO263AB (D2PAK) Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020 Terminals: Finish – Matte Tin Annealed over Copper Leadframe Solderable per MIL-STD-202, Method 208 Polarity: See Below Weight: 1.6 grams (Approximate) Ordering Information (Note 5) Part Number Qualification Case Packaging SBR3045CTBQ-13 Automotive TO263AB (D2PAK) 800/Tape & Reel Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony- free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/quality/product_compliance_definitions/. 5. For packaging details, go to our website at http://www.diodes.com/products/packages.html. Marking Information Top View Package Pin-Out Configuration SBR3045CTB = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last Two Digits of Year (ex: 16 = 2016) WW = Week (01- 53) SBR is a registered trademark of Diodes Incorporated. |
Similar Part No. - SBR3045CTBQ-13 |
|
Similar Description - SBR3045CTBQ-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |