Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1U150SAQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBR1U150SAQ
Description  SURFACE MOUNT SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR1U150SAQ Datasheet(HTML) 3 Page - Diodes Incorporated

  SBR1U150SAQ Datasheet HTML 1Page - Diodes Incorporated SBR1U150SAQ Datasheet HTML 2Page - Diodes Incorporated SBR1U150SAQ Datasheet HTML 3Page - Diodes Incorporated SBR1U150SAQ Datasheet HTML 4Page - Diodes Incorporated SBR1U150SAQ Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR1U150SAQ
Document number: DS38594 Rev. 1 - 2
3 of 5
www.diodes.com
June 2016
© Diodes Incorporated
SBR1U150SAQ
Fig. 1 Forward Power Dissipation
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
1
2
3
4
I
, AVERAGE FORWARD CURRENT (A)
F(AV)
Fig. 4 Total Capacitance vs. Reverse Voltage
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
V , DC REVERSE VOLTAGE (V)
R
f = 1MHz
Fig. 5 DC Forward Current Derating Curve
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Note 7
Fig. 6 Operating Temperature Derating
0
30
60
90
120
150
50
60
70
80
90 100 110 120 130 140 150
V , DC REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
0.1
1
10
100
1,000
10,000
0
25
50
75
100
125
150
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
R
E
V
E
R
S
E
C
U
R
R
E
N
T
(
u
A
)
R
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
Fig. 3 Typical Forward Characteristics
0.0001
0.001
0.01
0.1
1
0
100
200
300
400
500
600
700
800
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
I
,
I
N
S
T
A
N
T
A
N
E
O
U
S
F
O
R
W
A
R
D
C
U
R
R
E
N
T
(
A
)
F
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
(ºC)


Similar Part No. - SBR1U150SAQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR1U150SAQ-13 DIODES-SBR1U150SAQ-13 Datasheet
107Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SAQ-13 DIODES-SBR1U150SAQ-13 Datasheet
107Kb / 5P
   1.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1U150SAQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U150SA-13 DIODES-SBR2U150SA-13 Datasheet
222Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20LP DIODES-SBR05U20LP_11 Datasheet
83Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR1U150SA-13 DIODES-SBR1U150SA-13 Datasheet
107Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP_11 Datasheet
105Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR05U20SN DIODES-SBR05U20SN Datasheet
96Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR02U100LP DIODES-SBR02U100LP_15 Datasheet
378Kb / 5P
   SURFACE MOUNT SUPER BARRIER RECTIFIER
logo
International Rectifier
SBR05U20LP IRF-SBR05U20LP Datasheet
223Kb / 3P
   Surface Mount Super Barrier Rectifier
logo
Diodes Incorporated
SBR2U150SA DIODES-SBR2U150SA_15 Datasheet
222Kb / 5P
   2.0A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
SBR0240LP DIODES-SBR0240LP_15 Datasheet
101Kb / 4P
   SURFACE MOUNT SUPER BARRIER RECTIFIER 0.2A SBR짰
SBR2U10LP DIODES-SBR2U10LP_15 Datasheet
223Kb / 4P
   2A SBR짰 SURFACE MOUNT SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com