Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE7257 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE7257
Description  LIN Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257 Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE7257 Datasheet HTML 1Page - Infineon Technologies AG TLE7257 Datasheet HTML 2Page - Infineon Technologies AG TLE7257 Datasheet HTML 3Page - Infineon Technologies AG TLE7257 Datasheet HTML 4Page - Infineon Technologies AG TLE7257 Datasheet HTML 5Page - Infineon Technologies AG TLE7257 Datasheet HTML 6Page - Infineon Technologies AG TLE7257 Datasheet HTML 7Page - Infineon Technologies AG TLE7257 Datasheet HTML 8Page - Infineon Technologies AG TLE7257 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Type
Package
Marking
TLE7257SJ
PG-DSO-8
7257SJ
TLE7257LE
PG-TSON-8
7257
PG-DSO-8
PG-TSON-8
Data Sheet
3
Rev. 1.0, 2013-10-16
LIN Transceiver
TLE7257SJ
TLE7257LE
TLE7257
1Overview
Features
Single-wire LIN transceiver for transmission rates up to 20 kbps
Compliant to ISO 17987-4, LIN Specification 2.2A and SAE J2602
Very low current consumption in Sleep mode with wake-up capability
Very low leakage current on the BUS pin
Digital I/O levels compatible with 3.3 V and 5 V microcontrollers
TxD protected with dominant time-out function and state check after
mode change to Normal Operation mode
BUS short to
V
BAT protection and BUS short to GND handling
Over temperature protection and supply undervoltage detection
Very high ESD robustness, ± 10 kV according to IEC61000-4-2
Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
Available in standard PG-DSO-8 and leadless PG-TSON-8 packages
PG-TSON-8 package supports Automated Optical Inspection (AOI)
Green Product (RoHS compliant)
AEC Qualified
Description
The TLE7257 is a transceiver for the Local Interconnect Network (LIN)
with integrated wake-up and protection features. It is designed for in-
vehicle networks using data transmission rates up to 20 kbps. The TLE7257 operate as a bus driver between the
protocol controller and the physical bus of the LIN network. Compliant to all LIN standards and with a wide
operational supply range the TLE7257 can be used in all automotive applications.
The usage of different operation modes and the INH output allows the TLE7257 to control external components
like e.g. voltage regulators. In Sleep mode the TLE7257 draws typically less than 10 μA of quiescent current while
still being able to wake-up when detecting LIN bus traffic. The very low leakage current on the BUS pin makes the
TLE7257 especially suitable for partially supplied networks.
Based on the Infineon BiCMOS technology the TLE7257 provides excellent ESD robustness together with a very
high electromagnetic compatibility (EMC). The TLE7257 reaches a very low level of electromagnetic emission
(EME) within a broad frequency range and independent from the battery voltage. The TLE7257 is AEC qualified
and tailored to withstand the harsh conditions of the automotive environment.


Similar Part No. - TLE7257

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7250 INFINEON-TLE7250 Datasheet
2Mb / 34P
   High Speed CAN-Transceiver
Rev. 1.0, 2015-08-12
TLE7250G INFINEON-TLE7250G Datasheet
1Mb / 22P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-01
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
More results

Similar Description - TLE7257

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661 Datasheet
209Kb / 15P
   LIN TRANSCEIVER
ATA6663 ATMEL-ATA6663_14 Datasheet
747Kb / 19P
   LIN Transceiver
logo
AMI SEMICONDUCTOR
AMIS-30600 AMI-AMIS-30600 Datasheet
501Kb / 11P
   LIN Transceiver
logo
ON Semiconductor
NCV7380 ONSEMI-NCV7380 Datasheet
92Kb / 14P
   LIN Transceiver
May, 2004 ??Rev. P3
logo
Infineon Technologies A...
TLE7259-2GU INFINEON-TLE7259-2GU Datasheet
514Kb / 31P
   LIN Transceiver
Rev. 1.1, July 2008
logo
ATMEL Corporation
ATA6661 ATMEL-ATA6661_08 Datasheet
260Kb / 9P
   LIN Transceiver
logo
ON Semiconductor
AMIS-30600 ONSEMI-AMIS-30600 Datasheet
207Kb / 11P
   LIN Transceiver
February, 2010 ??Rev. 7
logo
ATMEL Corporation
ATA6663 ATMEL-ATA6663 Datasheet
723Kb / 20P
   LIN Transceiver
logo
Infineon Technologies A...
TLE7259G INFINEON-TLE7259G Datasheet
250Kb / 23P
   LIN Transceiver
Rev. 1.3, Dec. 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com