Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B4373A2338M0 Datasheet(PDF) 8 Page - TDK Electronics

Part # B4373A2338M0
Description  Capacitors with screw terminals
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B4373A2338M0 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B4373A2338M0 Datasheet HTML 4Page - TDK Electronics B4373A2338M0 Datasheet HTML 5Page - TDK Electronics B4373A2338M0 Datasheet HTML 6Page - TDK Electronics B4373A2338M0 Datasheet HTML 7Page - TDK Electronics B4373A2338M0 Datasheet HTML 8Page - TDK Electronics B4373A2338M0 Datasheet HTML 9Page - TDK Electronics B4373A2338M0 Datasheet HTML 10Page - TDK Electronics B4373A2338M0 Datasheet HTML 11Page - TDK Electronics B4373A2338M0 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Dimensions and weights for heat sink mounting:
Terminal
Dimensions (mm) with insulating sleeve
Approx. weight
g
d
l
±1
l1
±0.35
d2 max.
a +0.2/ 0.4
M5
M5
M5
64.3 +0.5/ 1
64.3 +0.5/ 1
64.3 +0.5/ 1
80.7
96.7
105.7
86.3
102.3
111.3
13.2
13.2
13.2
28.5
28.5
28.5
370
400
440
M6
M6
M6
76.9 +0.5/ 1
76.9 +0.5/ 1
76.9 +0.5/ 1
96.7
105.7
118.2
101.6
110.6
123.1
17.7
17.7
17.7
31.7
31.7
31.7
570
620
700
M6
M6
90.0 +0.5/ 1.5
90.0 +0.5/ 1.5
120.0
144.5
124.4
148.9
17.7
17.7
31.7
31.7
1000
1200
Dimensions for other sizes are available upon request.
Ordering codes:
Design
Identification in third
block of ordering code
Remark
For heat sink mounting
M007
For capacitors with diameter d
≥ 64.3 mm and
without threaded stud
PAPR terminal style
M050
PAPR terminal style and
heat sink mounting
M057
For capacitors with diameter d
≥ 64.3 mm and
without threaded stud
B43713, B43733
Extra long useful life
85
°C
Page 8 of 25
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B4373A2338M0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B4373A4109M0 TDK-B4373A4109M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
B4373A4109M0 TDK-B4373A4109M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
B4373A4129M0 TDK-B4373A4129M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
B4373A4129M0 TDK-B4373A4129M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
B4373A4159M0 TDK-B4373A4159M0 Datasheet
664Kb / 21P
   Capacitors with screw terminals
More results

Similar Description - B4373A2338M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com