Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMR982FVM-TR Datasheet(PDF) 5 Page - Rohm

Part # LMR982FVM-TR
Description  Input/Output Full Swing Low Power Operational Amplifiers
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LMR982FVM-TR Datasheet(HTML) 5 Page - Rohm

  LMR982FVM-TR Datasheet HTML 1Page - Rohm LMR982FVM-TR Datasheet HTML 2Page - Rohm LMR982FVM-TR Datasheet HTML 3Page - Rohm LMR982FVM-TR Datasheet HTML 4Page - Rohm LMR982FVM-TR Datasheet HTML 5Page - Rohm LMR982FVM-TR Datasheet HTML 6Page - Rohm LMR982FVM-TR Datasheet HTML 7Page - Rohm LMR982FVM-TR Datasheet HTML 8Page - Rohm LMR982FVM-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR0G200570-1-2
©2013 ROHM Co., Ltd. All rights reserved.
5/59
20.Feb.2014.Rev.005
TSZ22111・15・001
LMR981G
LMR931G
LMR982FVM
LMR932xxx
LMR934xxx
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
LMR981G
LMR931G
LMR932xxx
LMR934xxx
LMR982FVM
Supply Voltage
VDD-VSS
+7
V
Power Dissipation
PD
SSOP5
-
0.67
(Note 1,9)
-
-
-
W
SSOP6
0.67
(Note 1,9)
-
-
-
-
SOP8
-
-
0.68
(Note 2,9)
-
-
SOP-J8
-
-
0.67
(Note 1,9)
-
-
SSOP-B8
-
-
0.62
(Note 5,9)
-
-
TSSOP-B8
-
-
0.62
(Note 5,9)
-
-
MSOP8
-
-
0.58
(Note 4,9)
-
-
TSSOP-B8J
-
-
0.58
(Note 4,9)
-
-
MSOP10
-
-
-
-
0.58
(Note 4,9)
SOP14
-
-
-
0.56
(Note 3,9)
-
SOP-J14
-
-
-
1.02
(Note 8,9)
-
SSOP-B14
-
-
-
0.87
(Note 7,9)
-
TSSOP-B14J
-
-
-
0.85
(Note 6,9)
-
Differential Input Voltage
(Note 10)
VID
VDD to VSS
V
Input Common-mode
Voltage Range
VICM
(VSS-0.3) to (VDD+0.3)
V
Input Current
(Note 11)
II
±10
mA
Operating Voltage
Vopr
+1.8 to +5.0
V
Operating Temperature
Topr
- 40 to +85
°C
Storage Temperature
Tstg
- 55 to +150
°C
Maximum
Junction Temperature
TJmax
+150
°C
(Note 1)
To use at temperature above TA=25°C reduce 5.4mW/°C.
(Note 2)
To use at temperature above TA=25°C reduce 5.5mW/°C.
(Note 3)
To use at temperature above TA=25°C reduce 4.5mW/°C.
(Note 4)
To use at temperature above TA=25°C reduce 4.7mW/°C.
(Note 5)
To use at temperature above TA=25°C reduce 5.0mW/°C.
(Note 6)
To use at temperature above TA=25°C reduce 6.8mW/°C.
(Note 7)
To use at temperature above TA=25°C reduce 7.0mW/°C.
(Note 8)
To use at temperature above TA=25°C reduce 8.2mW/°C.
(Note 9)
Mounted on a FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 10) The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VSS.
(Note 11) An excessive input current will flow when input voltages of more than VDD+0.6V or less than VSS-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.


Similar Part No. - LMR982FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LMR982FVM-TR ROHM-LMR982FVM-TR Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR982FVM-TR ROHM-LMR982FVM-TR Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
More results

Similar Description - LMR982FVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
BU7242NUX-TR ROHM-BU7242NUX-TR Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com