Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD12734FV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD12734FV-E2
Description  Low Supply Current Input/Output Full Swing Operational Amplifier
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD12734FV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD12734FV-E2 Datasheet HTML 6Page - Rohm BD12734FV-E2 Datasheet HTML 7Page - Rohm BD12734FV-E2 Datasheet HTML 8Page - Rohm BD12734FV-E2 Datasheet HTML 9Page - Rohm BD12734FV-E2 Datasheet HTML 10Page - Rohm BD12734FV-E2 Datasheet HTML 11Page - Rohm BD12734FV-E2 Datasheet HTML 12Page - Rohm BD12734FV-E2 Datasheet HTML 13Page - Rohm BD12734FV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
Datasheet
www.rohm.com
TSZ02201-0GMG0G200600-1-2
©2013 ROHM Co., Ltd. All rights reserved.
10/50
14.July.2016.Rev004
TSZ22111・15・001
BD12730G
BD12732xxx
BD12734xxx
Typical Performance Curves – Continued
BD12730G
-3
-2
-1
0
1
2
3
12
34
56
Supply Voltage [V]
0
20
40
60
80
100
120
-50
-25
0
255075
100
Ambient Temperature [°C]
0
20
40
60
80
100
120
12
3
4
5
6
Supply Voltage [V]
0
1
2
3
4
5
6
-50
-25
0
255075
100
Ambient Temperature [℃]
Figure 11.
Maximum Output Voltage (Low) vs Ambient Temperature
(RL=2kΩ)
(*)The data above are measurement values of typical sample, it is not guaranteed.
Figure 10.
Maximum Output Voltage (Low) vs Supply Voltage
(RL=2kΩ)
Figure 9.
Maximum Output Voltage (High) vs Ambient Temperature
(RL=2kΩ)
1.8V
3.0V
5.0V
-40℃
Figure 12.
Input Offset Voltage vs Supply Voltage
1.8V
3.0V
5.0V
25℃
-40℃
85℃
25℃
85℃


Similar Part No. - BD12734FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
BD12730G-TR ROHM-BD12730G-TR Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
More results

Similar Description - BD12734FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BU7241YG-C ROHM-BU7241YG-C Datasheet
1Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
BD12730G ROHM-BD12730G Datasheet
409Kb / 21P
   Low Current Consumption Input/Output Full Swing Operational Amplifier
LMR821G ROHM-LMR821G_V01 Datasheet
5Mb / 52P
   Low Supply Current Output Full Swing Operational Amplifiers
11.May.2015 Rev.006
LMR821G ROHM-LMR821G_15 Datasheet
5Mb / 53P
   Low Supply Current Output Full Swing Operational Amplifiers
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BD5291G-TL ROHM-BD5291G-TL Datasheet
1Mb / 29P
   Input/Output Full Swing Low Input Offset Voltage Operational Amplifier
logo
New Japan Radio
NJM2730 NJRC-NJM2730 Datasheet
245Kb / 9P
   Low Supply Voltage Single Operational Amplifier with Full Swing Input and Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com