Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73K224L Datasheet(PDF) 6 Page - TDK Electronics

Part # 73K224L
Description  V.22bis/V.22/V.21/ Bell 212A/Bell 103 Single-Chip Modem
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

73K224L Datasheet(HTML) 6 Page - TDK Electronics

Back Button 73K224L Datasheet HTML 2Page - TDK Electronics 73K224L Datasheet HTML 3Page - TDK Electronics 73K224L Datasheet HTML 4Page - TDK Electronics 73K224L Datasheet HTML 5Page - TDK Electronics 73K224L Datasheet HTML 6Page - TDK Electronics 73K224L Datasheet HTML 7Page - TDK Electronics 73K224L Datasheet HTML 8Page - TDK Electronics 73K224L Datasheet HTML 9Page - TDK Electronics 73K224L Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
73K224L
V.22bis/V.22/V.21/Bell 212A/Bell 103
Single-Chip Modem
6
REGISTER DESCRIPTIONS
Eight 8-bit internal registers are accessible for control
and status monitoring. The registers are accessed in
read or write operations by addressing the A0, A1 and
A2 address lines in serial mode, or the AD0, AD1 and
AD2 lines in parallel mode. The address lines are
latched by ALE. Register CR0 controls the method by
which data is transferred over the phone line. CR1
controls the interface between the microprocessor and
the 73K224L internal state. DR is a detect register
which provides an indication of monitored modem
status conditions. TR, the tone control register,
controls the DTMF generator, answer and guard
tones and RXD output gate used in the modem
initial connect sequence. CR2 is the primary DSP
control
interface
and
CR3
controls
transmit
attenuation and receive gain adjustments. All
registers are read/write except for DR and ID
which are read only. Register control and status
bits are identified below:
REGISTER BIT SUMMARY


Similar Part No. - 73K224L

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
73K224L TERIDIAN-73K224L Datasheet
248Kb / 31P
   Single-Chip Modem
73K224L-28IH/F TERIDIAN-73K224L-28IH/F Datasheet
248Kb / 31P
   Single-Chip Modem
73K224L-28IHR/F TERIDIAN-73K224L-28IHR/F Datasheet
248Kb / 31P
   Single-Chip Modem
More results

Similar Description - 73K224L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73K222AL TDK-73K222AL Datasheet
160Kb / 28P
   V.22, V.21, Bell 212A, 103 Single-Chip Modem
73K222BL TDK-73K222BL Datasheet
273Kb / 26P
   V.22, V.21, Bell 212A, Bell 103 Single-Chip Modem with Integrated Hybrid
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
   CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
Zarlink Semiconductor I...
MT3530 ZARLINK-MT3530 Datasheet
584Kb / 13P
   BELL 103/V.21 SINGLE CHIP MODEM
logo
CML Microcircuits
CMX644A CMLMICRO-CMX644A Datasheet
1Mb / 34P
   V.22 and Bell 212A Modem
logo
Mitel Networks Corporat...
MT35212A MITEL-MT35212A Datasheet
200Kb / 5P
   BELL 212A/CCITT V.22 Modem Filter
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
   V.23 / Bell 202 Modem
logo
Teridian Semiconductor ...
73M2901CE TERIDIAN-73M2901CE_V01 Datasheet
525Kb / 27P
   V.22bis Single Chip Modem
January 2010
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
   CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
   CCITT V.23, V.21 Single-Chip Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com