Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25CTQ040-1 Datasheet(PDF) 3 Page - International Rectifier

Part # 25CTQ040-1
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25CTQ040-1 Datasheet(HTML) 3 Page - International Rectifier

  25CTQ040-1 Datasheet HTML 1Page - International Rectifier 25CTQ040-1 Datasheet HTML 2Page - International Rectifier 25CTQ040-1 Datasheet HTML 3Page - International Rectifier 25CTQ040-1 Datasheet HTML 4Page - International Rectifier 25CTQ040-1 Datasheet HTML 5Page - International Rectifier 25CTQ040-1 Datasheet HTML 6Page - International Rectifier 25CTQ040-1 Datasheet HTML 7Page - International Rectifier 25CTQ040-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
25CTQ... Series
3
Bulletin PD-20242 rev. B 07/03
www.irf.com
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteristics
(Per Leg)
.1
1
10
100
1000
0
.2
.4.6.8
1
1.2 1.4 1.6 1.8
2
FM
ForwardVoltageDrop-V
(V)
T =150°C
T =125°C
T = 25°C
J
J
J
.001
.01
.1
1
10
100
1000
0
5 10 15 20 25 30 35 40 45
R
125°C
100°C
75°C
50°C
25°C
ReverseVoltage-V (V)
T =150°C
J
100
1000
0
10203040
50
T =25°C
J
ReverseVoltage-V (V)
R
.001
.01
.1
1
10
.00001
.0001
.001
.01
.1
1
10
100
D=0.33
D=0.50
D=0.25
D=0.17
D=0.08
1
t , RectangularPulseDuration(Seconds)
SinglePulse
(Thermal Resistance)
2
t
1
t
P
DM
Notes:
1. DutyfactorD= t / t
2. PeakT =P xZ
+T
1
JDMthJC C
2


Similar Part No. - 25CTQ040-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25CTQ040-1 IRF-25CTQ040-1 Datasheet
245Kb / 8P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
25CTQ040-1 VISHAY-25CTQ040-1 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
logo
International Rectifier
25CTQ040-1PBF IRF-25CTQ040-1PBF Datasheet
245Kb / 8P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
25CTQ040-1PBF VISHAY-25CTQ040-1PBF Datasheet
137Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
25CTQ040-1PBF VISHAY-25CTQ040-1PBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
More results

Similar Description - 25CTQ040-1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com