Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25CTQ040-1 Datasheet(PDF) 2 Page - International Rectifier

Part # 25CTQ040-1
Description  SCHOTTKY RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25CTQ040-1 Datasheet(HTML) 2 Page - International Rectifier

  25CTQ040-1 Datasheet HTML 1Page - International Rectifier 25CTQ040-1 Datasheet HTML 2Page - International Rectifier 25CTQ040-1 Datasheet HTML 3Page - International Rectifier 25CTQ040-1 Datasheet HTML 4Page - International Rectifier 25CTQ040-1 Datasheet HTML 5Page - International Rectifier 25CTQ040-1 Datasheet HTML 6Page - International Rectifier 25CTQ040-1 Datasheet HTML 7Page - International Rectifier 25CTQ040-1 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
25CTQ... Series
2
Bulletin PD-20242 rev. B 07/03
www.irf.com
I
F(AV)
Max. Average Forward Current
30
A
50% duty cycle @ T
C = 102 °C, rectangular wave form
* See Fig. 5
I
FSM
Max. Peak One Cycle Non-Repetitive
990
5µs Sine or 3µs Rect. pulse
Surge Current (Per Leg) * See Fig. 7
250
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
20
mJ
T
J = 25 °C, IAS = 3 Amps, L = 4.40 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
3
A
Current decaying linearly to zero in 1 µsec
(Per Leg)
Frequency limited by T
J max. VA = 1.5 x VR typical
Part number
25CTQ035
25CTQ040
25CTQ045
V
R
Max. DC Reverse Voltage (V)
V
RWM Max. Working Peak Reverse Voltage (V)
35
40
45
T
J
Max. Junction Temperature Range
-55 to 150
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC Max. Thermal Resistance Junction
3.25
°C/W DC operation
* See Fig. 4
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.63
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance, Case
0.50
°C/W Mounting surface , smooth and greased
to Heatsink
wt
Approximate Weight
2.0 (0.07) g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Absolute Maximum Ratings
V
FM
Max. Forward Voltage Drop
0.56
V
@ 15A
(Per Leg) * See Fig. 1
(1)
0.71
V
@ 30A
0.50
V
@ 15A
0.64
V
@ 30A
I
RM
Max. Reverse Leakage Current
1.75
mA
T
J =
25 °C
(Per Leg) * See Fig. 2
(1)
70
mA
T
J = 125 °C
C
T
Max. Junction Capacitance (Per Leg)
900
pF
V
R = 5VDC (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/ µs
(Rated V
R)
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
(1) Pulse Width < 300µs, Duty Cycle <2%
Voltage Ratings
Parameters
25CTQ Units
Conditions
Parameters
25CTQ Units
Conditions
Parameters
25CTQ Units
Conditions
Electrical Specifications
A
Following any rated
load condition and with
rated VRRM applied


Similar Part No. - 25CTQ040-1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
25CTQ040-1 IRF-25CTQ040-1 Datasheet
245Kb / 8P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
25CTQ040-1 VISHAY-25CTQ040-1 Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
logo
International Rectifier
25CTQ040-1PBF IRF-25CTQ040-1PBF Datasheet
245Kb / 8P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
25CTQ040-1PBF VISHAY-25CTQ040-1PBF Datasheet
137Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
25CTQ040-1PBF VISHAY-25CTQ040-1PBF Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 12-Mar-10
More results

Similar Description - 25CTQ040-1

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com