Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ350A Datasheet(PDF) 1 Page - Dc Components

Part # 5.0SMDJ350A
Description  RECTIFIER SPECIALISTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

5.0SMDJ350A Datasheet(HTML) 1 Page - Dc Components

  5.0SMDJ350A Datasheet HTML 1Page - Dc Components 5.0SMDJ350A Datasheet HTML 2Page - Dc Components 5.0SMDJ350A Datasheet HTML 3Page - Dc Components 5.0SMDJ350A Datasheet HTML 4Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RECTIFIER SPECIALISTS
R
FEATURES
* Glass passivated junction
* 5000 Watts Peak Pulse Power capability on
10/1000
µs waveform
* Excellent clamping capability
* Low zener impedance
* Fast response time
MECHANICAL DATA
5.0SMDJ11
THRU
5.0SMDJ440CA
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 11 to 440Volts
PEAK PULAE POWER - 5000 Watts
Dimensions in inches and (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. 5.0SMDJ11C, 5.0SMDJ440CA).
Electrical characteristics apply in both directions
DC COMPONENTS CO., LTD.
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load,
For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
60Hz
Resistive or Inductive Load
Maximum Instantaneuos Forwaard Voltage at 50A for Unidirectional
only
Peak Pulse Power Dissipation on 10/1000
µs waveform
(Note1,FIG.1)
Steady State Power Dissipation at T = 75OC
Lead Lengths .375"(9.5mm) (Note 2)
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load(JEDEC Method) (Note 3)
Operating and Storage Temperature Range
SYMBOL
PPPM
PM(AV)
IFSM
TJ , TSTG
VF
VALUE
Minimum 5000
6.5
300
-55 to + 175
3.5
UNITS
Watts
Watts
O
C
Amps
Volts
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25OC per Fig. 2.
2. Mounted on Copper Leaf area of 0.8 X 0.8"( 20 X 20mm ) per Fig. 5
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
SMC (DO-214AB)
.245(6.2)
.220(5.6)
.280(7.1)
.260(6.6)
.128(3.3)
.108(2.8)
.012(0.3)
.004(0.1)
.008(0.2)
.004(0.1)
.060(1.5)
.030(0.8)
.102(2.6)
.079(2.0)
.320(8.1)
.303(7.7)
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.24 gram
*Terminals: Solder plated solderable per
MIL-STD-750, Method 2026
* Polarity: As marked


Similar Part No. - 5.0SMDJ350A

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
5.0SMDJ350A SOCAY-5.0SMDJ350A Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
5.0SMDJ350A SOCAY-5.0SMDJ350A Datasheet
457Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Goodwork Semiconductor ...
5.0SMDJ350A GWSEMI-5.0SMDJ350A Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
PACELEADER INDUSTRIAL
5.0SMDJ350A PACELEADER-5.0SMDJ350A Datasheet
345Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
5.0SMDJ350A YANGJIE-5.0SMDJ350A Datasheet
202Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 5.0SMDJ350A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com