Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

12CWQ10FN Datasheet(PDF) 2 Page - International Rectifier

Part # 12CWQ10FN
Description  SCHOTTKY RECTIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

12CWQ10FN Datasheet(HTML) 2 Page - International Rectifier

  12CWQ10FN Datasheet HTML 1Page - International Rectifier 12CWQ10FN Datasheet HTML 2Page - International Rectifier 12CWQ10FN Datasheet HTML 3Page - International Rectifier 12CWQ10FN Datasheet HTML 4Page - International Rectifier 12CWQ10FN Datasheet HTML 5Page - International Rectifier 12CWQ10FN Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
12CWQ10FN
2
Bulletin PD-20548 rev. F 01/03
www.irf.com
V
FM
Max. Forward Voltage Drop
0.80
V
@
6A
(Per Leg) * See Fig. 1
(1)
0.95
V
@ 12A
0.65
V
@
6A
0.78
V
@ 12A
I
RM
Max. Reverse Leakage Current
1
mA
T
J
= 25 °C
(Per Leg) * See Fig. 2
(1)
4
mA
T
J
= 125 °C
V
F(TO)
Threshold Voltage
0.47
V
T
J
= T
J
max.
r
t
Forward Slope Resistance
20.68
m
C
T
Typ. Junction Capacitance (Per Leg)
183
pF
V
R
= 5V
DC
, (test signal range 100Khz to 1Mhz) 25°C
L
S
Typical Series Inductance (Per Leg)
5.0
nH
Measured lead to lead 5mm from package body
T
J
Max. Junction Temperature Range (*)
-55 to 150
°C
T
stg
Max. Storage Temperature Range
-55 to 150
°C
R
thJC
Max. Thermal Resistance (Per Leg)
3.0
°C/W DC operation
* See Fig. 4
Junction to Case
(PerDevice)
1.5
wt
Approximate Weight
0.3 (0.01)
g (oz.)
CaseStyle
D-Pak
Similar to TO-252AA
Thermal-Mechanical Specifications
T
J
= 25 °C
T
J
= 125 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle <2%
V
R
= rated V
R
Part number
12CWQ10FN
V
R
Max. DC Reverse Voltage (V)
V
RWM
Max. Working Peak Reverse Voltage (V)
Voltage Ratings
100
Parameters
12CWQ... Units
Conditions
Parameters
12CWQ... Units
Conditions
I
F(AV)
Max. Average Forward
(Per Leg)
6
A
50% duty cycle @ T
C
= 135°C, rectangular wave form
Current * See Fig. 5
(PerDevice)
12
I
FSM
Max.PeakOneCycleNon-Repetitive
330
5µs Sine or 3µs Rect. pulse
Surge Current * See Fig. 7(Per Leg)
110
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetit.AvalancheEnergy(PerLeg)
6
mJ
T
J
= 25 °C, I
AS
= 1 Amps, L = 12 mH
I
AR
RepetitiveAvalancheCurrent(PerLeg)
1
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J
max. V
A
= 1.5 x V
R
typical
Absolute Maximum Ratings
Following any rated
load condition and with
rated V
RRM applied
A
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)
Parameters
12CWQ... Units
Conditions


Similar Part No. - 12CWQ10FN

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
12CWQ10FN SMC-12CWQ10FN Datasheet
199Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
12CWQ10FN SMCDIODE-12CWQ10FN Datasheet
301Kb / 4P
   12CWQ10FN SCHOTTKY RECTIFIER
Rev. A
logo
Inchange Semiconductor ...
12CWQ10FN ISC-12CWQ10FN Datasheet
277Kb / 2P
   Schottky Rectifier
logo
International Rectifier
12CWQ10FNPBF IRF-12CWQ10FNPBF Datasheet
190Kb / 7P
   SCHOTTKY RECTIFIER 12 Amp
logo
Vishay Siliconix
12CWQ10FNPBF VISHAY-12CWQ10FNPBF Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 6 A
Revision: 14-Jan-11
More results

Similar Description - 12CWQ10FN

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com