Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6019B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 1N6019B
Description  Zeners
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N6019B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  1N6019B Datasheet HTML 1Page - Fairchild Semiconductor 1N6019B Datasheet HTML 2Page - Fairchild Semiconductor 1N6019B Datasheet HTML 3Page - Fairchild Semiconductor 1N6019B Datasheet HTML 4Page - Fairchild Semiconductor 1N6019B Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
1N5985B - 1N6025B, Rev. C
Electrical Characteristics (Continued) T
A=25°C unless otherwise noted
Notes:
1. Zener Voltage (VZ)
The zener voltage is measured with the device junction in the themal equilibrium at the lead temperature (TL) at 30°C ± 1°C and 3/8” lead length.
2. Maximum Zener Current Ratings (IZM)
The maximum current handling capability on a worst case basis is limited by the actual zener voltage at the operation point and the power derating curve.
Device
VZ (V) @ IZ (Note 1)
Test Current
IZ (mA)
Zener Impedance
leakage Current
IZM (mA)
(Note 2)
Min.
Typ.
Max.
ZZ @ IZ
(
Ω)
ZZK @ IZK = 250µµµµA
(
Ω)
IR
(mA)
VR
(V)
1N6015B
1N6016B
1N6017B
1N6018B
1N6019B
40.85
44.65
48.45
53.2
58.9
43
47
51
56
62
45.15
49.35
53.55
58.8
65.1
2
2
2
2
2
150
170
180
200
225
900
1000
1300
1400
1400
0.1
0.1
0.1
0.1
0.1
33
36
39
43
47
12
11
9.8
8.9
8
1N6020B
1N6021B
1N6022B
1N6023B
1N6024B
64.6
71.25
77.9
86.45
95
68
75
82
91
100
71.4
78.75
86.1
95.55
105
2
2
2
2
1
240
265
280
300
500
1600
1700
2000
2300
2600
0.1
0.1
0.1
0.1
0.1
52
56
62
69
76
7.4
6.7
6.1
5.5
5
1N6025B
104.5
110
115.5
1
650
3000
0.1
84
4.5
VF Forward Voltage = 1.2V Max @ IF = 200mA


Similar Part No. - 1N6019B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
1N6019B YEASHIN-1N6019B Datasheet
1Mb / 9P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N6019BUR MICROSEMI-1N6019BUR Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N6019BUR-1 MICROSEMI-1N6019BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
More results

Similar Description - 1N6019B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4370A FAIRCHILD-1N4370A Datasheet
44Kb / 4P
   Zeners
1N4744A FAIRCHILD-1N4744A Datasheet
50Kb / 5P
   Zeners
1N5221B FAIRCHILD-1N5221B_06 Datasheet
193Kb / 4P
   Zeners
BZX55C2V4 FAIRCHILD-BZX55C2V4_05 Datasheet
148Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_12 Datasheet
159Kb / 4P
   Zeners
1N746A FAIRCHILD-1N746A Datasheet
51Kb / 3P
   Zeners
BZX79C8V2 FAIRCHILD-BZX79C8V2 Datasheet
47Kb / 5P
   Zeners
MMSZ5226B FAIRCHILD-MMSZ5226B_04 Datasheet
48Kb / 3P
   Zeners
1N4728A FAIRCHILD-1N4728A_05 Datasheet
52Kb / 5P
   Zeners
BZX79C20 FAIRCHILD-BZX79C20 Datasheet
47Kb / 5P
   Zeners
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com